Electronic Components Datasheet Search
  English  ▼

X  

2733 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2733
Description  Microsoft IoT Pack for Raspberry Pi 3 - w/ Raspberry Pi 3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2733 Datasheet(HTML) 2 Page - Adafruit Industries

  2733 Datasheet HTML 1Page - Adafruit Industries 2733 Datasheet HTML 2Page - Adafruit Industries 2733 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This pack contains:
Adafruit Raspberry Pi B+ Case - Smoke Base / Clear Top - We think it's the Single Greatest Raspberry Pi 2
Model B Case Ever - though our Pi Box Plus is also nothing to scoff at.
​Full Size Breadboard - In the past, we've used the half-size breadboard for a lot of Pi projects - but no
longer! WIth 40 pins to break out, you're going to need some space - and that's why we're including a full
size breadboard in this pack.
Premium Male/Male Jumper Wires - 20 x 6" (150mm) - These jumper wires are great for making wire
harness or jumpering between headers on PCBs. We include the longer ones so they work well with the
full-size breadboard.
Premium Female/Male 'Extension' Jumper Wires - 20x6" - These jumper wires are handy equivalents of
the male/male jumper wires - but with female connectors.
5V 2A Switching Power Supply w/ 6' MicroUSB Cable - The 5V 2A power adapter is the perfect choice for
powering your Raspberry Pi B+ with 2 Amps of current output, and an extra long cord.
Assembled Adafruit BME280 Temperature, Pressure & Humidity sensor - The assembled verison of an
Adafruit Instant Classic. This breakout board has a powerful BME280 sensor from Bosch that's good for
temperature, barometric pressure, AND humidity sensing. This version comes with headers already
soldered on.
Assembled TCS34725 RGB Color Sensor - The assembled version of a longstanding Adafruit classic. This
RGB Color Sensor with IR filter and White LED comes fully assembled - with headers already soldered on.
MCP3008 - 8 Channel 10-Bit ADC With SPI Interface - Easy to use, SPI enabled chip that's perfect for
adding 8 channels of 10-bit analog input to your microcontroller or microcomputer project.
Ethernet Cable - 5 foot long - An ethernet cable.
16GB SD/MicroSD Memory Card w/ NOOBS - This SD card comes pre-loaded with NOOBS which now
supports running Windows 10 on your Raspberry Pi 3.
Electronic components
1x Photo Cell
2x Breadboard Trim Potentiometer
5x 10K 5% 1/4W Resistor
5x 560 ohm 5% 1/4W Resistor
2x Diffused 10mm Blue LED
1x Electrolytic Capacitor - 1.0uF
2x Diffused 10mm Red LED
2x Diffused 10mm Green LED
3x 12mm Tactile Switches



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com