Electronic Components Datasheet Search
  English  ▼

X  

2944 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2944
Description  Top Metal Plate for a Mini Robot Rover Chassis
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2944 Datasheet(HTML) 2 Page - Adafruit Industries

  2944 Datasheet HTML 1Page - Adafruit Industries 2944 Datasheet HTML 2Page - Adafruit Industries 2944 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
This is a nice Top Metal Plate as an extra add-on for our nice mini rover chassis.
You don't
need it but it let's you add a little more storage to your bot. Perfect for
housing your robot's electronics and batteries underneath. This plate comes with
two standoffs and the approriate screws. Made light (10.3g) and sturdy, it's a great
piece for your robot building future!
1/15/2016
https://www.adafruit.com/products/2944



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com