Electronic Components Datasheet Search
  English  ▼

X  

3064 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3064
Description  JST 2-pin Extension Cable with On/Off Switch - JST PH2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3064 Datasheet(HTML) 2 Page - Adafruit Industries

  3064 Datasheet HTML 1Page - Adafruit Industries 3064 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Description
By popular request - we now have a way you can turn on-and-off Lithium Polymer batteries without
unplugging them.
This PH2 Female/Male JST 2-pin Extension Cable comes with an in-line Switch - click once to turn
on, click again to turn off. It's super handy especially in tandem with our JST-terminated battery packs
or LiIon & LiPoly batteries/accessories/chargers!
One end has a classic female JST-PH2 socket, and the other end has a matching plug. From end to
end the cable measures ~20" / ~508mm.
Technical Details
Length (end to end): ~508mm / ~20"
Weight: 10g
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com