Electronic Components Datasheet Search
  English  ▼

X  

3216 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3216
Description  Mini Round Robot Chassis Kit - 2WD with DC Motors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3216 Datasheet(HTML) 2 Page - Adafruit Industries

  3216 Datasheet HTML 1Page - Adafruit Industries 3216 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
We of course have suggestions to run the motors like our TB6612 breakout, Motor FeatherWing,
Motor Shield for Arduino, or Motor HAT for Raspberry Pi. Basically anything that can do two bi-
directional brushed DC motors at ~5V and 1.5 Amp peak. To steer the wheels, you'll need
something to toggle the motor driver like our Feather 32u4 Bluefruit LE
Lithium Ion Battery - 3.7v 2000mAh,
but this is all up to you and your imagination!
Note: LiPoly Battery, Feather board, FeatherWings, and Feather accessories are not included! This
is just the body of the mobile platform robot.
2x Wheels
1x Plastic Caster Ball
Anodized aluminum frame and all mounting hardware for assembly
Technical Details
Assembled Dimensions:
Length of Metal Plates: 100mm / 3.9"
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com