Electronic Components Datasheet Search
  English  ▼

X  

0801022 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801022
Description  WMS-2 HF 6,4 (30X10)RL - Shrink sleeve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801022 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801022 Datasheet HTML 1Page - PHOENIX CONTACT 0801022 Datasheet HTML 2Page - PHOENIX CONTACT 0801022 Datasheet HTML 3Page - PHOENIX CONTACT 0801022 Datasheet HTML 4Page - PHOENIX CONTACT 0801022 Datasheet HTML 5Page - PHOENIX CONTACT 0801022 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Shrink sleeve, Roll, white, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLLMASTER 300/600, THERMOMARK ROLL X1, THERMOMARK ROLL,
THERMOMARK ROLL 2.0, THERMOMARK X1.2, cable diameter range: 3.2 ... 6.4 mm,
perforated, mounting type: slide-on, Number of individual labels: 2000, text field height: 10 mm,
text field width: 30 mm
Product description
Due to their ladder-style format, the preassembled shrink sleeves in the WMS-2 HF... product family provide a good overview and facilitate quick
use. After the printing and applying process, you have the option of shrinking the marked shrink sleeves by applying heat manually and thus fixing
them on the cable/wire.
Your advantages
Permanent and captive identification of single-core wires, wires, cables, pneumatic hoses, and other cylindrical objects
•
Ladder style design: For a good overview and to facilitate quick use, the sleeves are preassembled in cut lengths: 15 mm, 30 mm, or 60 mm
•
As an option, the sleeves can be shrunk by applying heat manually to fix the sleeve in position
•
High diameter coverage with a shrink ratio of 2:1
•
Widely used and proven worldwide in the railway industry
•
Commercial data
Item number
0801022
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG14
Product key
BG2216
GTIN
4055626044392
Weight per piece (including packing)
1,176 g
Weight per piece (excluding packing)
1,188.9 g
Customs tariff number
39173200
Country of origin
DK
WMS-2 HF 6,4 (30X10)RL - Shrink sleeve
0801022
https://www.phoenixcontact.com/us/products/0801022
Aug 18, 2025, 7:31AM
Page 1 (6)


Similar Part No. - 0801022

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801020 PHOENIX-0801020 Datasheet
194Kb / 6P
WMS-2 HF 4,8 (60X9)RL YE - Shrink sleeve
0801023 PHOENIX-0801023 Datasheet
193Kb / 6P
WMS-2 HF 6,4 (30X10)RL YE - Shrink sleeve
0801024 PHOENIX-0801024 Datasheet
191Kb / 6P
WMS-2 HF 6,4 (60X10)RL - Shrink sleeve
0801025 PHOENIX-0801025 Datasheet
193Kb / 6P
WMS-2 HF 6,4 (60X10)RL YE - Shrink sleeve
0801026 PHOENIX-0801026 Datasheet
191Kb / 6P
WMS-2 HF 9,5 (30X16)RL - Shrink sleeve
More results

Similar Description - 0801022

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP2130 ETC2-PP2130 Datasheet
271Kb / 4P
Heat Shrink Tubing 2 1 Ratio
logo
PHOENIX CONTACT
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
1202632 PHOENIX-1202632 Datasheet
50Kb / 2P
Stamping bit - PPS-ST (6,4)
0913210 PHOENIX-0913210 Datasheet
47Kb / 2P
Adapter sleeve - HS 2 A
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
3240975 PHOENIX-3240975 Datasheet
47Kb / 3P
Transition sleeve from hose to cable - WP-EC TPE HF 13,0 BK
07/25/2016
3240978 PHOENIX-3240978 Datasheet
47Kb / 3P
Transition sleeve from hose to cable - WP-EC TPE HF 28,5 BK
07/25/2016
3240979 PHOENIX-3240979 Datasheet
47Kb / 3P
Transition sleeve from hose to cable - WP-EC TPE HF 34,5 BK
07/25/2016
2701134 PHOENIX-2701134 Datasheet
167Kb / 4P
Mounting adapter - FL EPA WMS
Dec 6, 2022
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com