Electronic Components Datasheet Search
  English  ▼

X  

0801422 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801422
Description  UCT-WMT (30X4) - Conductor marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801422 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801422 Datasheet HTML 1Page - PHOENIX CONTACT 0801422 Datasheet HTML 2Page - PHOENIX CONTACT 0801422 Datasheet HTML 3Page - PHOENIX CONTACT 0801422 Datasheet HTML 4Page - PHOENIX CONTACT 0801422 Datasheet HTML 5Page - PHOENIX CONTACT 0801422 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Conductor marker, Sheet, white, unmarked, can be labeled with: BLUEMARK E.CARD,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, THERMOMARK PRIME 2.0,
THERMOMARK PRIME, THERMOMARK CARD 2.0, THERMOMARK CARD, TOPMARK NEO,
TOPMARK LASER, cable diameter range: 1.5 ... 14 mm, mounting type: insert, Number of
individual labels: 30, text field height: 4 mm, text field width: 30 mm
Your advantages
The UCT-WMT ... UniCard marking range includes markers for wire marking with marking sleeves from the PATG (HF) ... /PATO ... systems
•
The markers, which are supplied in uniform sheets, can be marked quickly, easily, and precisely using the card printers
•
The sheets provide additional space for project information and function text that can be helpful during further assembly
•
The multi-section marking strips are easy to fit and can be easily separated if required
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
Commercial data
Item number
0801422
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
BG10
Product key
BG2218
GTIN
4046356676984
Weight per piece (including packing)
11.06 g
Weight per piece (excluding packing)
11 g
Customs tariff number
39269097
Country of origin
PL
UCT-WMT (30X4) - Conductor marker
0801422
https://www.phoenixcontact.com/us/products/0801422
Aug 18, 2025, 7:50AM
Page 1 (6)


Similar Part No. - 0801422

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801423 PHOENIX-0801423 Datasheet
193Kb / 6P
UCT-WMT (30X4) YE - Conductor marker
0801424 PHOENIX-0801424 Datasheet
197Kb / 6P
UCT-WMT (30X4) RD - Conductor marker
0801425 PHOENIX-0801425 Datasheet
196Kb / 6P
UCT-WMT (30X4) OG - Conductor marker
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
0801427 PHOENIX-0801427 Datasheet
187Kb / 5P
UCT-WMT (30X4) VT - Conductor marker
More results

Similar Description - 0801422

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829644 PHOENIX-0829644 Datasheet
55Kb / 4P
Marker for terminal blocks - UCT-TMF 3,5 CUS
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
0818218 PHOENIX-0818218 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (23X4)
09/11/2020
0819631 PHOENIX-0819631 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (30X4)
09/11/2020
1013148 PHOENIX-1013148 Datasheet
52Kb / 3P
Conductor marker carrier - PATO 4/15
09/11/2020
1014086 PHOENIX-1014086 Datasheet
55Kb / 3P
Cable marker - UCT-WMTBA (40X17)
09/11/2020
1014087 PHOENIX-1014087 Datasheet
56Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
0832100 PHOENIX-0832100 Datasheet
59Kb / 4P
Conductor marking - UCT-WMCO 1,9 (23X4)
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com