Electronic Components Datasheet Search
  English  ▼

X  

0803929 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803929
Description  MM-WMS-2 6,4 (EX10)R C1 WH/BK - Shrink sleeve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803929 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803929 Datasheet HTML 1Page - PHOENIX CONTACT 0803929 Datasheet HTML 2Page - PHOENIX CONTACT 0803929 Datasheet HTML 3Page - PHOENIX CONTACT 0803929 Datasheet HTML 4Page - PHOENIX CONTACT 0803929 Datasheet HTML 5Page - PHOENIX CONTACT 0803929 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Shrink sleeve, Roll, white/black, unmarked, can be labeled with: THERMOFOX,
THERMOMARK GO, THERMOMARK GO.K, cable diameter range: 3.2 ... 6.4 mm, mounting
type: slide-on, Number of individual labels: 1, text field height: 8.5 mm, text field width: 1800 mm
Your advantages
High-quality and solvent-resistant marking solution for industrial applications that is created by means of thermal transfer printing
•
Thanks to the continuous format, a shrink sleeve marker of the appropriate length can be created flexibly for the relevant application
•
Easy and efficient material cartridge system: Includes both the material to be printed and the corresponding ink ribbon
•
No visible difference between retrospective marking and existing markings created with a desktop roll printer
•
The shrink sleeve material provides additional electrical insulation and mechanical protection for conductors
•
The conductor to be marked is simply threaded through the sleeve and fixed by shrinking the sleeve
•
The material is cUL certified
•
Commercial data
Item number
0803929
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG23
Product key
BG221E
GTIN
4055626212098
Weight per piece (including packing)
52.5 g
Weight per piece (excluding packing)
49.6 g
Customs tariff number
96121010
Country of origin
CN
MM-WMS-2 6,4 (EX10)R C1 WH/BK - Shrink sleeve
0803929
https://www.phoenixcontact.com/us/products/0803929
Aug 18, 2025, 7:05AM
Page 1 (6)


Similar Part No. - 0803929

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803922 PHOENIX-0803922 Datasheet
49Kb / 3P
Marker card - SK U/5,0 WH:UNBEDRUCKT
0803922 PHOENIX-0803922 Datasheet
159Kb / 6P
GMKDSP 3/ 2
0803922 PHOENIX-0803922 Datasheet
138Kb / 6P
GMKDSP 3/ 3
0803922 PHOENIX-0803922 Datasheet
145Kb / 6P
MKDSP 10HV/ 2-12,7
0803922 PHOENIX-0803922 Datasheet
154Kb / 5P
IPCV 16/ 3-G-10,16
More results

Similar Description - 0803929

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803937 PHOENIX-0803937 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 WH/BK
0803939 PHOENIX-0803939 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX18)R C1 WH/BK
0803940 PHOENIX-0803940 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 WH/BK
0803941 PHOENIX-0803941 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 YE/BK
0803971 PHOENIX-0803971 Datasheet
52Kb / 2P
Label - MM-EML (EX12)R C1 WH/BK
0803973 PHOENIX-0803973 Datasheet
52Kb / 2P
Label - MM-EML (EX24)R C1 WH/BK
0803983 PHOENIX-0803983 Datasheet
51Kb / 2P
Label - MM-TMT (EX9,5)R C1 WH/BK
1116052 PHOENIX-1116052 Datasheet
55Kb / 2P
Label - MM-EML (EX10)R C1 YE/BK
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com