Electronic Components Datasheet Search
  English  ▼

X  

0803931 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803931
Description  MM-WML 3 (EX10)R C1 WH/BK - Cable marker label
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803931 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803931 Datasheet HTML 1Page - PHOENIX CONTACT 0803931 Datasheet HTML 2Page - PHOENIX CONTACT 0803931 Datasheet HTML 3Page - PHOENIX CONTACT 0803931 Datasheet HTML 4Page - PHOENIX CONTACT 0803931 Datasheet HTML 5Page - PHOENIX CONTACT 0803931 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker label, Roll, white/black, unmarked, can be labeled with: THERMOFOX,
THERMOMARK GO, THERMOMARK GO.K, cable diameter range: 2 ... 3 mm, mounting type:
adhesive, cable diameter: ≤ 3 mm, Number of individual labels: 1, text field height: 8 mm, text
field width: 6500 mm
Your advantages
High-quality and solvent-resistant marking solution for industrial applications that is created by means of thermal transfer printing
•
Thanks to the continuous format, a wrap-around label of the appropriate width can be created flexibly for the relevant application
•
Easy and efficient material cartridge system: Includes both the material to be printed and the corresponding ink ribbon
•
No visible difference between retrospective marking and existing markings created with a desktop roll printer
•
The transparent protective foil is wound over the marking and provides permanent protection against contamination and abrasion
•
The wrap-around labels do not add bulk, which means that the cable can still be drawn through cable ducts, for example
•
The material is cUL certified
•
Commercial data
Item number
0803931
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG23
Product key
BG221E
GTIN
4055626212111
Weight per piece (including packing)
80 g
Weight per piece (excluding packing)
77.8 g
Customs tariff number
96121010
Country of origin
CN
MM-WML 3 (EX10)R C1 WH/BK - Cable marker label
0803931
https://www.phoenixcontact.com/us/products/0803931
Aug 18, 2025, 7:59AM
Page 1 (6)


Similar Part No. - 0803931

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803931 PHOENIX-0803931 Datasheet
305Kb / 25P
Thermal transfer printer set - THERMOMARK GO SET
More results

Similar Description - 0803931

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803937 PHOENIX-0803937 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 WH/BK
0803939 PHOENIX-0803939 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX18)R C1 WH/BK
0803940 PHOENIX-0803940 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 WH/BK
0803941 PHOENIX-0803941 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 YE/BK
0803971 PHOENIX-0803971 Datasheet
52Kb / 2P
Label - MM-EML (EX12)R C1 WH/BK
0803973 PHOENIX-0803973 Datasheet
52Kb / 2P
Label - MM-EML (EX24)R C1 WH/BK
0803975 PHOENIX-0803975 Datasheet
52Kb / 2P
Label - MM-EML (EX12)R C1 SR/BK
0803983 PHOENIX-0803983 Datasheet
51Kb / 2P
Label - MM-TMT (EX9,5)R C1 WH/BK
1116052 PHOENIX-1116052 Datasheet
55Kb / 2P
Label - MM-EML (EX10)R C1 YE/BK
1116113 PHOENIX-1116113 Datasheet
54Kb / 2P
Label - MM-EML (EX14)R C1 SR/BK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com