Electronic Components Datasheet Search
  English  ▼

X  

0803932 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803932
Description  MM-WML 5 (EX10)R C1 WH/BK - Cable marker label
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803932 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803932 Datasheet HTML 1Page - PHOENIX CONTACT 0803932 Datasheet HTML 2Page - PHOENIX CONTACT 0803932 Datasheet HTML 3Page - PHOENIX CONTACT 0803932 Datasheet HTML 4Page - PHOENIX CONTACT 0803932 Datasheet HTML 5Page - PHOENIX CONTACT 0803932 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Conductor marking
Marking
Number of individual labels
1
Number of individual labels per row
1
Identification technology
Thermal transfer
Dimensions
Height
24 mm
Length
6.5 m
External dimensions
Outside diameter
2 mm ... 5 mm
Text field
Text field width
6500 mm
Text field height
8 mm
Material specifications
Foil strength
89 µm
Adhesive strength
23 µm
Adhesive
Acrylic
multicolored
white (RAL 9010)
Color
black (RAL 9005)
Material
Vinyl polymer
Components
Free from silicone and cadmium
Cable/line
≤ 5.00 mm
External cable diameter
2 mm ... 5 mm
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Wipe resistance of inscriptions
MM-WML 5 (EX10)R C1 WH/BK - Cable marker label
0803932
https://www.phoenixcontact.com/us/products/0803932
Aug 18, 2025, 8:00AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com