Electronic Components Datasheet Search
  English  ▼

X  

KBPC6005 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # KBPC6005
Description  CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

KBPC6005 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  KBPC6005 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. KBPC6005 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC6005 THRU KBPC610
Features
Mechanical Data
· High Current Capability
· Surge Overload Rating to 125A Peak
· High Case Dielectric Strength of 1500V
· Ideal for Printed Circuit Board Application
· Plastic Material - UL Flammability Classification 94V-0
Maximum Ratings And Electrical Characteristics
· Case : Molded Plastic
· Terminals : Plated Leads Solderable per
MIL-STD-202, Method 208
· Polarity : Marked on Body
· Mounting : Through Hole for #6 Screw
· Mounting Torque : 5.0 Inch-pounds Maximum
· Weight : 3.8 grams (approx.)
· Marking : Type Number
(Ratings at 25
℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 6.0 Amperes
VOLTAGE 50 to 1000 Volts
Notes:
(1) Mounted on metal chassis.
(2) Mounted on PC board FR-4 material.
(3) Non-repetitive, for t > 1.0ms and < 8.3ms.
(4) Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
Peak Repetitive Reverse voltage
Working Peak Reverse voltage
DC Blocking voltage
RMS Reverse voltage
Average Rectified
Output Current
(Note 1)
(Note 2)
Non-Repetitive Peak Forward Surge Current,
8.3ms single half-sine-wave superimposed
on rated load (JEDEC method)
Volts
Forward voltage (per element)
@ IF=3.0 A
VRMM
VRWM
VR
50
Volts
Symbols
Units
1.1
VFM
VR(RMS)
8.0
6.0
Amps
125
IFSM
Tj
TSTG
1.0
-65 to +125
℃
Amps
Peak Reverse Current at Rated
DC Blocking voltage (per element)
I2t Rating for Fusing (t<8.3ms) (Note 3)
Typical Junction Capacitance (Note 4)
Operating and Storage Temperature Range
KBPC
6005
KBPC
601
KBPC
602
KBPC
604
KBPC
606
KBPC
608
KBPC
610
35
10
64
55
100
70
200
140
400
280
600
420
800
560
1000
700
Volts
μA
mA
A2S
℃/W
pF
Io
IR
Cj
I2t
R
θJA
@ TC=25
℃
@ TC=100
℃
Typical Thermal Resistance,
Junction to Case (per element)
12.5
@ TC=50
℃
@ TC=50
℃
A
E
G
H
C
B
A
D
AC
AC
+
-
K B P C -3
Dim
Min
Max
A
14.73
15.75
10.30
11.30
B
5.84
6.86
3.60
4.00
C
19.00
D
0.76 O
/ Typical
E
1.70
Hole for #6 screw
3.20
G
H
A ll Dimens ions in mm


Similar Part No. - KBPC6005

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC6005 SEMTECH-KBPC6005 Datasheet
122Kb / 2P
6.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC6005 SSE-KBPC6005 Datasheet
21Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC6005 CHENYI-KBPC6005 Datasheet
149Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Dc Components
KBPC6005 DCCOM-KBPC6005 Datasheet
439Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Fuji Electric
KBPC6005 FUJI-KBPC6005 Datasheet
794Kb / 1P
6 AMP SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC6005

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
HER601 DAESAN-HER601 Datasheet
325Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
HER601G DAESAN-HER601G Datasheet
305Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL6005 DAESAN-KBL6005 Datasheet
227Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
6A05 DAESAN-6A05 Datasheet
271Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
6A05G DAESAN-6A05G Datasheet
321Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR601G DAESAN-FR601G Datasheet
315Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBU6A DAESAN-KBU6A Datasheet
228Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
UF601 DAESAN-UF601 Datasheet
325Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com