Electronic Components Datasheet Search
  English  ▼

X  

BAV19 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BAV19
Description  Small Signal Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV19 Datasheet(HTML) 4 Page - ON Semiconductor

  BAV19 Datasheet HTML 1Page - ON Semiconductor BAV19 Datasheet HTML 2Page - ON Semiconductor BAV19 Datasheet HTML 3Page - ON Semiconductor BAV19 Datasheet HTML 4Page - ON Semiconductor BAV19 Datasheet HTML 5Page - ON Semiconductor BAV19 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BAV19/20/21, Rev. C
Typical Characteristics (continued)
Small Signal Diode
(continued)
°
100
200
300
400
500
600
700
800
900
0.001
0.003
0.01
0.03
0.1
0.3
1
3
10
T a= -40 C
Ta= 25 C
T a= +80 C
F orw ard C u rren t, I
F [m A ]
Figure 7. Forward Voltage
vs Ambient Temperature
VF - 1.0 uA - 10 mA (-40 to +80 Deg C)
0246
8
10
12
14
0.8
0.9
1.0
1.1
1.2
1.3
Ta= 25 C
Reverse Voltage [V]
Figure 8. Total Capacitance
1.0
1.5
2.0
2.5
3.0
20
30
40
50
I
F = I R = 30 m A
Rloop = 100 Ohms
Reverse Recovery Current, I
rr [m A ]
050
100
150
0
100
200
300
400
I
F(AV
) -
AV
ER
AGE
RE
CTIF
IED
CU
RREN
T - m
A
Ambient Temperature, T
A [
C]
Figure 9. Reverse Recovery Time vs
Reverse Recovery Current
Figure 10. Average Rectified Current (I
F(AV))
versus Ambient Temperature (T
A)
0
50
100
150
200
0
100
200
300
400
500
DO-35 Pkg
SOT-23 Pkg
Average Temperature, I
O [ C]
Figure 11. Power Derating Curve
°
°
°
°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com