Electronic Components Datasheet Search
  English  ▼

X  

BAV20 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAV20
Description  Small Signal Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV20 Datasheet(HTML) 2 Page - ON Semiconductor

  BAV20 Datasheet HTML 1Page - ON Semiconductor BAV20 Datasheet HTML 2Page - ON Semiconductor BAV20 Datasheet HTML 3Page - ON Semiconductor BAV20 Datasheet HTML 4Page - ON Semiconductor BAV20 Datasheet HTML 5Page - ON Semiconductor BAV20 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BAV19/20/21, Rev. C
BAV19 / 20 / 21
Small Signal Diode
Absolute Maximum Ratings*
T
A = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
DO-35
Color Band Denotes Cathode
2001 Fairchild Semiconductor Corporation
Electrical Characteristics T
A = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
BAV19
BAV20
BAV21
120
200
250
V
V
V
IF(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
Pulse Width = 1.0 microsecond
1.0
4.0
A
A
T
stg
Storage Temperature Range
-65 to +200
°C
T
J
Operating Junction Temperature
175
°C
Symbol
Parameter
Value
Units
P
D
Power Dissipation
500
mW
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
Symbol
Parameter
Test Conditions
Min
Max
Units
VR
Breakdown Voltage
BAV19
BAV20
BAV21
IR = 100 µA
I
R = 100 µA
IR = 100 µA
120
200
250
V
V
V
VF
Forward Voltage
IF = 100 mA
IF = 200 mA
1.0
1.25
V
V
IR
Reverse Current
BAV19
BAV20
BAV21
VR = 100 V
V
R = 100 V, TA = 150°C
VR = 150 V
V
R = 150 V, TA = 150°C
VR = 200 V
V
R = 200 V, TA = 150°C
100
100
100
100
100
100
nA
µA
nA
µA
nA
µA
CT
Total Capacitance
VR = 0, f = 1.0 MHz
5.0
pF
t
rr
Reverse Recovery Time
I
F = IR = 30 mA, IRR =
3.0 mA,
RL = 100Ω
50
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com