Electronic Components Datasheet Search
  English  ▼

X  

LM7909CT Datasheet(PDF) 7 Page - ON Semiconductor

Part # LM7909CT
Description  3-Terminal 1A Negative Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM7909CT Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LM7909CT Datasheet HTML 3Page - ON Semiconductor LM7909CT Datasheet HTML 4Page - ON Semiconductor LM7909CT Datasheet HTML 5Page - ON Semiconductor LM7909CT Datasheet HTML 6Page - ON Semiconductor LM7909CT Datasheet HTML 7Page - ON Semiconductor LM7909CT Datasheet HTML 8Page - ON Semiconductor LM7909CT Datasheet HTML 9Page - ON Semiconductor LM7909CT Datasheet HTML 10Page - ON Semiconductor LM7909CT Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LM79XX
6
Electrical Characteristics (LM7910) (Continued)
(VI = -17V, IO = 500mA, 0°C ≤TJ ≤ +125°C, CI =2.2μF, CO =1μF, unless otherwise specified.)
Note:
1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25°C
-9.6
-10
-10.4
V
IO = 5mA to 1A, Pd ≤ 15W
VI = -12V to -28
-9.5
-10
-10.5
Line Regulation (Note1)
ΔVO
TJ = +25°C
VI = -12.5V to -28V
-
12
200
mV
VI = -14V to -20V
-
6
100
Load Regulation (Note1)
ΔVO
TJ = +25°C
IO = 5mA to 1.5A
-12
200
mV
TJ = +25°C
IO = 250mA to 750mA
-4
100
Quiescent Current
IQ
TJ = +25°C-
3
6
mA
Quiescent Current Change
ΔIQ
IO = 5mA to 1A
-
0.05
0.5
mA
VI = -12.5V to -28V
-
0.1
1
Temperature Coefficient of VO
ΔVo/ΔTIO = 5mA
-
-1
-
mV/
°C
Output Noise Voltage
VN
10Hz
≤ f ≤ 100kHz
TA =+25°C
-280
-
μV
Ripple Rejection
RR
f = 120Hz
ΔVI = 10V
54
60
-
dB
Dropout Voltage
VD
TJ = +25°C
IO = 1A
-2-
V
Short Circuit Current
ISC
TJ = +25°C, VI = -35V
-
300
-
mA
Peak Current
IPK
TJ = +25°C-
2.2
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com