Electronic Components Datasheet Search
  English  ▼

X  

HS25 Datasheet(PDF) 2 Page - Arcol UK Ltd

Part # HS25
Description  HS Aluminium Housed Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCOL [Arcol UK Ltd]
Direct Link  
Logo ARCOL - Arcol UK Ltd

HS25 Datasheet(HTML) 2 Page - Arcol UK Ltd

  HS25 Datasheet HTML 1Page - Arcol UK Ltd HS25 Datasheet HTML 2Page - Arcol UK Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
12/14.08
HS Aluminium Housed Resistors
Electrical Specifications
Size
Style
MIL-R
18546
Power
rating
on std.
heatsink
@25°C
Watts
with no
heatsink
@25°C
Resis-
tance
range
Limiting
element
voltage
Voltage
proof AC
Peak
Voltage
proof AC
rms.
Approx
weight
gms
Typical
surface
rise HS
mounted
Standard heatsink
cm2
Thickness
mm
HS10
RE 60
10
5
R005-10K
160
1400
1000
4
5.8
415
1
HS15
RE 65
15
7
R005-10K
265
1400
1000
7
5.1
415
1
HS25
RE 70
25
9
R005-36K
550
3500
2500
14
4.2
535
1
HS50
RE 75
50
14
R01-86K
1250
3500
2500
32
3.0
535
1
HS75
75
24
R01-50K
1400
6363
4500
85
1.1
995
3
HS100
100
30
R01-70K
1900
6363
4500
115
1.0
995
3
HS150
150
45
R01-100K
2500
6363
4500
175
1.0
995
3
HS200
200
50
R01-50K
1900
7070
5000
475
0.7
3750
3
HS250
250
55
R01-50K
2200
7070
5000
600
0.6
4765
3
HS300
300
60
R01-68K
2500
7070
5000
700
0.6
5780
3
HS10-HS300 Standard Resistor
HS 200, 250, 300
6mm
A
G
J
L
F
B
Ø 2.0
± 0.25
2.1± 0.1
HS 10, 15, 25, 50
D
H
K
C
HS 75, 100, 150
=
Ø 3.2
max.
3.0 ± 0.1
*
=
Centre hole in
150 Watts only
E
B
F
J
L
A
=
=
B
F
E
E
M
J
L
A
D
H
K
C
D
H
K
C
G
G
Dimensions (mm)
Size
A Max
B Max
C Max
D Max
E Max
F±0.3
G±0.3
H Max
J Max
K Max
L ±0.25*
M Max
HS10
16.5
30.0
8.8
8.5
15.9
11.3
12.4
4.5
2.4
1.8
2.4
HS15
21.0
36.5
11.0
11.2
19.9
14.3
15.9
5.5
2.8
1.8
2.4
HS25
28.0
51.0
14.8
14.2
27.3
18.3
19.8
7.7
5.2
2.6
3.2
HS50
28.0
72.5
14.8
14.2
49.1
39.7
21.4
8.4
5.2
2.6
3.2
HS75
47.5
72.0
24.1
27.3
48.7
29.0
37.0
11.8
10.4
3.7
4.4
HS100
47.5
88.0
24.1
27.3
65.2
35.0
37.0
11.8
15.4
3.7
4.4
HS150
47.5
121.0
24.1
27.3
97.7
58.0
37.0
11.8
20.4
3.7
4.4
HS200
72.5
145.7
41.8
45.5
89.7
70.0
57.2
20.5
10.4
5.5
5.1
103.4
HS250
72.5
167.0
41.8
45.5
109.7
89.0
57.2
20.5
10.4
5.5
5.1
122.4
HS300
72.5
184.4
41.8
45.5
127.7
104.0
59.0
20.5
12.4
5.5
6.6
141.4
* HS200-HS300 Watts is ± 0.45



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com