Electronic Components Datasheet Search
  English  ▼

X  

LMZ14202HTZX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LMZ14202HTZX/NOPB
Description  LMZ14202H SIMPLE SWITCHER® 6V to 42V, 2A High Output Voltage Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ14202HTZX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMZ14202HTZX/NOPB Datasheet HTML 12Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 13Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 14Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 15Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 16Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 17Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 18Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
VIN
CIN
VIN
RON
RFBT
CFF
CSS
RFBB
COUT
LMZ14202H
VOUT
10 PF
4700 pF
0.022 PF
* RENT
* RENB
* See equation 1
to calculate values
VOUT
RFBT
RFBB
RON
COUT
COUT-ESR
VIN
12V
34 k:
2.43 k:
249 k:
47 PF
1-75 m:
15 - 42V
15V
34 k:
1.91 k:
287 k:
47 PF
1-65 m:
18 - 42V
18V
34 k:
1.58 k:
374 k:
33 PF
1-60 m:
22 - 42V
24V
34 k:
1.18 k:
499 k:
33 PF
1-60 m:
28 - 42V
30V
34 k:
931:
619 k:
33 PF
1-75 m:
34 - 42V
5V
34 k:
6.49 k:
100 k: 100 PF
1-145 m:
8 - 42V
LMZ14202H
SNVS691H – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LMZ14202H is a step-down DC-to-DC power module. It is typically used to convert a higher DC voltage to a
lower DC voltage with a maximum output current of 2 A. The following design procedure can be used to select
components for the LMZ14202H. Alternately, the WEBENCH software may be used to generate complete
designs.
When generating a design, the WEBENCH software uses iterative design procedure and accesses
comprehensive databases of components. For more details, go to www.ti.com.
8.2 Typical Application
Figure 46. Typical Application Schematic
8.2.1 Design Requirements
For this example the following application parameters exist.
•
VIN Range = Up to 42 V
•
VOUT = 5 V to 30 V
•
IOUT = 2 A
Refer to the table in Figure 46 for more information.
8.2.2 Detailed Design Procedure
8.2.2.1 Design Steps for the LMZ14202H Application
The LMZ14202H is fully supported by WEBENCH which offers the following:
•
Component selection
•
Electrical simulation
•
Thermal simulation
•
Build-it prototype board for a reduction in design time
The following list of steps can be used to manually design the LMZ14202H application.
16
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14202H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com