Electronic Components Datasheet Search
  English  ▼

X  

321LP4E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 321LP4E
Description  GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

321LP4E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  321LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 321LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 321LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 321LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 321LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 321LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8
8 - 160
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC321LP4 / 321LP4E
GaAs MMIC SP8T NON-REFLECTIVE
POSITIVE CONTROL SWITCH, DC* - 8.0 GHz
v03.0805
General Description
Features
Functional Diagram
The HMC321LP4 & HMC321LP4E are broadband non-
reflective GaAs MESFET SP8T switches in low cost
leadless surface mount packages. Covering DC to
8 GHz, this switch offers high isolation and low inser-
tion loss. This switch also includes an on board binary
decoder circuit which reduces the required logic con-
trol lines to three. The switch operates using a positive
control voltage of 0/+5 volts, and requires a fixed bias
of +5v. This switch is suitable for usage in 50-Ohm or
75-Ohm systems.
Broadband Performance: DC - 8.0 GHz
High Isolation: >30 dB@ 6 GHz
Low Insertion Loss: 2.5 dB@ 6 GHz
Integrated Positve Supply 3:8 TTL Decoder
4x4 mm SMT Package
Electrical Specifications, T
A = +25° C, With 0/+5V Control, 50 Ohm System
Typical Applications
This switch is suitable for usage in DC - 8.0 GHz 50-
Ohm or 75-Ohm systems:
• Broadband
• Fiber Optics
• Switched Filter Banks
• Wireless below 8 GHz
* DC blocking capacitors are required at ports RFC and
RF1, 2, 3, 4, 5, 6, 7, 8. Their value will determine the lowest
transmission frequency.
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 2.0 GHz
DC - 4.0 GHz
DC - 8.0 GHz
2.3
2.5
2.7
2.7
2.9
3.1
dB
dB
dB
Isolation
DC - 2.0 GHz
DC - 4.0 GHz
DC - 6.0 GHz
DC - 8.0 GHz
35
30
25
20
40
35
30
25
dB
dB
dB
dB
Return Loss
“On State”
DC - 4.0 GHz
DC - 8.0 GHz
8
7
12
10
dB
dB
Return Loss (RF1 - RF8)
“Off State”
2.0 - 8.0 GHz
7
12
dB
Input Power for 1 dB Compression
0.5 - 8.0 GHz
19
23
dBm
Input Third Order Intercept
(Two-tone Input Power = +7 dBm Each Tone, 1 MHz Spacing)
0.5 - 8.0 GHz
33
40
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 8.0 GHz
50
150
ns
ns


Similar Part No. - 321LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
321LP4E HITTITE-321LP4E Datasheet
264Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8 GHz
More results

Similar Description - 321LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC253QS24 HITTITE-HMC253QS24 Datasheet
207Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC321LP4 HITTITE-HMC321LP4 Datasheet
253Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 8.0 GHz
HMC322LP4 HITTITE-HMC322LP4 Datasheet
265Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC345LP3 HITTITE-HMC345LP3 Datasheet
205Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 8.0 GHz
HMC253LC4 HITTITE-HMC253LC4 Datasheet
272Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC322LP4 HITTITE-HMC322LP4_06 Datasheet
361Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC253QS24 HITTITE-HMC253QS24_07 Datasheet
182Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC321LP4 HITTITE-HMC321LP4_08 Datasheet
264Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8 GHz
logo
Analog Devices
HMC322ALP4E AD-HMC322ALP4E Datasheet
555Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
HMC321ALP4E AD-HMC321ALP4E Datasheet
868Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com