Electronic Components Datasheet Search
  English  ▼

X  

LMV762 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMV762
Description  LMV76x and LMV762Q-Q1 Low-Voltage, Precision Comparator With Push-Pull Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV762 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV762 Datasheet HTML 2Page - Texas Instruments LMV762 Datasheet HTML 3Page - Texas Instruments LMV762 Datasheet HTML 4Page - Texas Instruments LMV762 Datasheet HTML 5Page - Texas Instruments LMV762 Datasheet HTML 6Page - Texas Instruments LMV762 Datasheet HTML 7Page - Texas Instruments LMV762 Datasheet HTML 8Page - Texas Instruments LMV762 Datasheet HTML 9Page - Texas Instruments LMV762 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LMV761, LMV762, LMV762Q-Q1
SNOS998I – FEBRUARY 2002 – REVISED OCTOBER 2015
www.ti.com
2.7-V Electrical Characteristics (continued)
Unless otherwise specified, all limited ensured for TJ = 25°C, VCM = V
+ / 2, V+ = 2.7 V, V− = 0 V−.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
Supply current LMV761
275
700
μA
(single comparator)
IS
550
LMV762, LMV762Q-Q1 (both
μA
comparators)
apply at the temperature extremes(3)
1400
IOUT LEAKAGE
Output leakage I at shutdown SD = GND, VO = 2.7 V
0.2
μA
Supply leakage I at
IS LEAKAGE
SD = GND, VCC = 2.7 V
0.2
2
μA
shutdown
6.7
5-V Electrical Characteristics
Unless otherwise specified, all limited ensured for TJ = 25°C, VCM = V
+ / 2, V+ = 5 V, V− = 0 V−.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
0.2
VOS
Input offset voltage
mV
apply at the temperature extremes(3)
1
IB
Input bias current(4)
0.2
50
pA
IOS
Input offset current(4)
0.01
5
pA
Common-mode rejection
CMRR
0 V < VCM < VCC – 1.3 V
80
100
dB
ratio
PSRR
Power supply rejection ratio
V+ = 2.7 V to 5 V
80
110
dB
Input common-mode voltage
apply at the temperature
CMVR
CMRR > 50 dB
−0.3
3.8
V
range
extremes(3)
Output swing high
IL = 4 mA, VID = 200 mV
V+ – 0.35
V+ – 0.1
V
VO
Output swing low
IL = –4 mA, VID = –200 mV
120
250
mV
Sourcing, VO = 2.5 V, VID = 200 mV
6
60
ISC
Output short circuit current(5)
mA
Sinking, VO = 2.5 V, VID = −200 mV
6
40
Supply current LMV761
225
700
μA
(single comparator)
IS
450
LMV762, LMV762Q-Q1
μA
(both comparators)
apply at the temperature extremes(3)
1400
Output leakage I at
IOUT LEAKAGE
SD = GND, VO = 5 V
0.2
μA
shutdown
Supply leakage I at
IS LEAKAGE
SD = GND, VCC = 5 V
0.2
2
μA
shutdown
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Maximum temperature ensured range is
−40°C to +125°C.
(4)
Specified by design.
(5)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. See Recommended Operating Conditions for information on temperature
de-rating of this device. Absolute Maximum Rating indicate junction temperature limits beyond which the device may be permanently
degraded, either mechanically or electrically.
6
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: LMV761 LMV762 LMV762Q-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com