Electronic Components Datasheet Search
  English  ▼

X  

LP38869 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP38869
Description  LP38869 1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38869 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP38869 Datasheet HTML 11Page - Texas Instruments LP38869 Datasheet HTML 12Page - Texas Instruments LP38869 Datasheet HTML 13Page - Texas Instruments LP38869 Datasheet HTML 14Page - Texas Instruments LP38869 Datasheet HTML 15Page - Texas Instruments LP38869 Datasheet HTML 16Page - Texas Instruments LP38869 Datasheet HTML 17Page - Texas Instruments LP38869 Datasheet HTML 18Page - Texas Instruments LP38869 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
LP38869
www.ti.com
SNVS877B – AUGUST 2012 – REVISED APRIL 2013
Figure 35. Typical Soft-Start Current Limit Behavior with CSS = 100 nF
Thermal Overload Protection
Thermal overload protection limits total power dissipation in the LP38869. When the junction temperature
exceeds typically TJ = +160°C, the thermal sensor turns off the pass transistor, allowing the LP38869 to cool.
The thermal sensor turns the pass transistor on once the IC’s junction temperature drops by approximately 15°C.
Continuous short-circuit conditions will eventually result in a pulsed output current with a frequency that depends
on the thermal resistance and thermal mass of the LP38869 package and PC board combination as well as the
ambient temperature. Thermal overload protection is designed to protect the LP38869 in the event of fault
conditions. For continuous operation, do not exceed the absolute maximum junction temperature rating of TJ =
150°C. Parametric ratings are not ensured if the junction rises above 125°C.
Operating Region and Power Dissipation
Maximum power dissipation of the LP38869 depends on the thermal resistance of the case and circuit board, the
temperature difference between the die junction and ambient air, and the rate of air flow. The power dissipation
across the device is defined by:
PDISS = IOUT X (VIN – VOUT)
(9)
The resulting maximum power dissipation is:
PDISS(MAX) = (TJ(MAX) - TA(MAX)) / (θJA
(10)
Where (TJ(MAX) - TA(MAX)) is the maximum allowable junction temperature rise above the surrounding ambient air;
and
θJA is thermal resistance from the junction through the package DAP, to the PC board, copper traces, and
other materials into the surrounding air.
Figure 36 uses this formula to show a range of allowable dissipation values that will keep the junction
temperature (TJ(MAX)) inside the Maximum Operating Junction Temperature of 125°C.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP38869



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com