Electronic Components Datasheet Search
  English  ▼

X  

LP3954 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP3954
Description  Advanced Lighting Management Unit
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3954 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3954 Datasheet HTML 3Page - Texas Instruments LP3954 Datasheet HTML 4Page - Texas Instruments LP3954 Datasheet HTML 5Page - Texas Instruments LP3954 Datasheet HTML 6Page - Texas Instruments LP3954 Datasheet HTML 7Page - Texas Instruments LP3954 Datasheet HTML 8Page - Texas Instruments LP3954 Datasheet HTML 9Page - Texas Instruments LP3954 Datasheet HTML 10Page - Texas Instruments LP3954 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
SW
GND_SW
WLED1
WLED2
WLED3
WLED4
GND_WLED
WLED5
WLED6
GND_RGB
R1
G1
B1
R2
G2
B2
Li-Ion
Battery
Or
Charger
FB
VDD2
FLASH
D
A
8-Bit
IDAC
8-Bit
IDAC
D
A
MCU
SCK/SCL
SI
SS/SDA
IF_SEL
EN_FLASH
LDO
BIAS
REF
THSD
POR
OSC
CAMERA
FLASH
LOGIC
SPI
I2C
COMMAND
BASED
PATTERN
GENERATOR
CONTROL
BG
BOOST
PWM
FLASH
Up to 300 mA
RGB1
Up to
40 mA/LED
SUB
BACKLIGHT
0...25 mA/LED
MAIN
BACKLIGHT
0...25 mA/LED
RGB2
Up to
40 mA/LED
ASE
SINGLE ENDED
ANALOG
AUDIO
AUDIO SYNC
SO
SYNC/PWM
VDDIO
IRGB
IRT
VDDA
VREF
CT
RL
RFLASH
IFLASH
FLASH
CTRL
D1
VDD1
Logic supply
GNDA
GND
CVDDIO
100 nF
CVDDA
1 µF
CREF
100 nF
CIN
10 µF
CVDD
100 nF
L1
4.7 µH
COUT
10 µF
IMAX = 300...400 mA
VOUT = 4...5.3 V
RRGB
RRT
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
DETAILED DESCRIPTION
Block Diagram
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com