Electronic Components Datasheet Search
  English  ▼

X  

LT1009CPWR.A Datasheet(PDF) 6 Page - Texas Instruments

Part # LT1009CPWR.A
Description  2.5-V INTEGRATED REFERENCE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LT1009CPWR.A Datasheet(HTML) 6 Page - Texas Instruments

Back Button LT1009CPWR.A Datasheet HTML 2Page - Texas Instruments LT1009CPWR.A Datasheet HTML 3Page - Texas Instruments LT1009CPWR.A Datasheet HTML 4Page - Texas Instruments LT1009CPWR.A Datasheet HTML 5Page - Texas Instruments LT1009CPWR.A Datasheet HTML 6Page - Texas Instruments LT1009CPWR.A Datasheet HTML 7Page - Texas Instruments LT1009CPWR.A Datasheet HTML 8Page - Texas Instruments LT1009CPWR.A Datasheet HTML 9Page - Texas Instruments LT1009CPWR.A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
1
0.1
10
100
1k
10k
100k
10
f − Frequency − Hz
100
Iz = 1 mA
TJ = −55°C to 125°C
10
100
1k
10k
100k
f − Frequency − Hz
50
100
150
200
250
Iz = 1 mA
TJ = 25°C
Input
Output
5 k
Ω
2.5
2
1.5
1
0.5
0
8
4
0
0
1
20
t − Time −
µs
3
3.5
Output
Input
LT1009
SLVS013N – MAY 1987 – REVISED MAY 2009................................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
REFERENCE IMPEDANCE
NOISE VOLTAGE
vs
vs
FREQUENCY
FREQUENCY
Figure 5.
Figure 6.
TRANSIENT RESPONSE
Figure 7.
6
Submit Documentation Feedback
Copyright © 1987–2009, Texas Instruments Incorporated
Product Folder Link(s): LT1009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com