Electronic Components Datasheet Search
  English  ▼

X  

MUX508ID Datasheet(PDF) 10 Page - Texas Instruments

Part # MUX508ID
Description  MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX508ID Datasheet(HTML) 10 Page - Texas Instruments

Back Button MUX508ID Datasheet HTML 6Page - Texas Instruments MUX508ID Datasheet HTML 7Page - Texas Instruments MUX508ID Datasheet HTML 8Page - Texas Instruments MUX508ID Datasheet HTML 9Page - Texas Instruments MUX508ID Datasheet HTML 10Page - Texas Instruments MUX508ID Datasheet HTML 11Page - Texas Instruments MUX508ID Datasheet HTML 12Page - Texas Instruments MUX508ID Datasheet HTML 13Page - Texas Instruments MUX508ID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10
MUX508, MUX509
SBAS758C – JANUARY 2016 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics: Single Supply (continued)
at TA = 25°C, VDD = 12 V, and VSS = 0 V (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VDD supply current
All VA = 0 V or 3.3 V,
VS= 0 V, VEN = 3.3 V
42
53
µA
TA = –40°C to +85°C
56
TA = –40°C to +125°C
77
VSS supply current
All VA = 0 V or 3.3 V,
VS = 0 V, VEN = 3.3 V
23
38
µA
TA = –40°C to +85°C
31
TA = –40°C to +125°C
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com