Electronic Components Datasheet Search
  English  ▼

X  

OP27 Datasheet(PDF) 11 Page - Texas Instruments

Part # OP27
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OP27 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OP27 Datasheet HTML 7Page - Texas Instruments OP27 Datasheet HTML 8Page - Texas Instruments OP27 Datasheet HTML 9Page - Texas Instruments OP27 Datasheet HTML 10Page - Texas Instruments OP27 Datasheet HTML 11Page - Texas Instruments OP27 Datasheet HTML 12Page - Texas Instruments OP27 Datasheet HTML 13Page - Texas Instruments OP27 Datasheet HTML 14Page - Texas Instruments OP27 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
OP27A, OP27C
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL-AMPLIFIER
SLOS100E − FEBRUARY 1989 − REVISED FEBRUARY 2010
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
SUPPLY VOLTAGE REJECTION RATIO
vs
FREQUENCY
f − Frequency − Hz
VCC ± = ± 4 V to ± 18 V
TA = 25°C
SLEW RATE
vs
FREE-AIR TEMPERATURE
TA − Free Air Temperature − °C
VCC ± = ± 15 V
RL ≥ 2 kΩ
160
140
120
100
80
60
40
20
0
6
4
2
0
1
10
100
1 k
10 k 100 k 1 M
10 M 100 M
− 50
− 25
0
25
50
75
100
125
OP27
(AVD ≥ 1)
Positive
Supply
Negative
Supply
Figure 14
Figure 15
OP27
PHASE MARGIN AND
GAIN-BANDWIDTH PRODUCT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
− 75
− 50
− 25
0
50
75
100
125
25
VCC ± = ± 15 V
GBW (f = 100 kHz)
75
°
65
°
55
°
45
°
35
°
8.6
8.2
7.8
7.4
7
φm
80
°
70
°
60
°
50
°
40
°
85
°
10.6
10.2
9.8
9.4
9
11
Figure 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com