Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA692
Description  3V Single-Supply 80MHz High-Speed Op Amp in SC70
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA692 Datasheet(HTML) 4 Page - Texas Instruments

  OPA692 Datasheet HTML 1Page - Texas Instruments OPA692 Datasheet HTML 2Page - Texas Instruments OPA692 Datasheet HTML 3Page - Texas Instruments OPA692 Datasheet HTML 4Page - Texas Instruments OPA692 Datasheet HTML 5Page - Texas Instruments OPA692 Datasheet HTML 6Page - Texas Instruments OPA692 Datasheet HTML 7Page - Texas Instruments OPA692 Datasheet HTML 8Page - Texas Instruments OPA692 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
OPA358
SB0S296C − MARCH 2004 − REVISED FEBRUARY 2005
www.ti.com
4
TYPICAL CHARACTERISTICS
All specifications at TA = +25°C, RL = 150Ω connected to VS/2, unless otherwise noted.
200
180
160
140
120
100
80
60
40
20
0
−20
200
180
160
140
120
100
80
60
40
20
0
−20
OPEN−LOOP GAIN AND PHASE vs FREQUENCY
100
1k
10k
1M
100M
10M
100k
1G
Frequency (MHz)
Phase
Gain
1.0
0.5
0
−0.5
−1.0
GAIN FLATNESS vs FREQUENCY
1
10
100
Frequency (MHz)
G= 2
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (mV)
100
80
60
40
20
0
POWER−SUPPLY AND COMMON−MODE
REJECTION RATIO vs FREQUENCY
Frequency (Hz)
1k
10M
1M
100k
10k
100M
+PSRR
−PSRR
CMRR
1000
100
10
1
INPUT VOLTAGE NOISE SPECTRAL DENSITY
10
100
1k
100k
1M
10k
10M
Frequency (Hz)
DIFFERENTIAL GAIN
DIFFERENTIAL PHASE
DG1
INP = C
SYNC = INT
MTIME = 1
L I N E = 3 30
DG2
DG3
DG4
DG5
%1
%.
%.
%.
%5
0.1 9
0.2 8
−10
+1
0.3 0
0.3 0
0.2 8
A
5
4
STEPS
2
0
1
RESULTS
ZOOM
SAVE
DP1
INP = C
SYNC = INT
MTIME = 1
L I N E = 3 30
DP2
DP3
DP4
DP5
− 0. 13 dg 1
0. 16 d g .
0. 47 d g .
0. 66 d g .
0. 69 d g 5
−10
+1
A
5
4
STEPS
2
0
1
RESULTS
ZOOM
SAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com