Electronic Components Datasheet Search
  English  ▼

X  

MUX508 Datasheet(PDF) 33 Page - Texas Instruments

Part # MUX508
Description  MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX508 Datasheet(HTML) 33 Page - Texas Instruments

Back Button MUX508 Datasheet HTML 29Page - Texas Instruments MUX508 Datasheet HTML 30Page - Texas Instruments MUX508 Datasheet HTML 31Page - Texas Instruments MUX508 Datasheet HTML 32Page - Texas Instruments MUX508 Datasheet HTML 33Page - Texas Instruments MUX508 Datasheet HTML 34Page - Texas Instruments MUX508 Datasheet HTML 35Page - Texas Instruments MUX508 Datasheet HTML 36Page - Texas Instruments MUX508 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
MUX508ID
Active
Production
SOIC (D) | 16
40 | TUBE
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
M36508D
MUX508ID.B
Active
Production
SOIC (D) | 16
40 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
M36508D
MUX508IDR
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
M36508D
MUX508IDR.B
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
M36508D
MUX508IPW
Active
Production
TSSOP (PW) | 16
90 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
MUX508B
MUX508IPW.B
Active
Production
TSSOP (PW) | 16
90 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
MUX508B
MUX508IPWR
Active
Production
TSSOP (PW) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
MUX508B
MUX508IPWR.B
Active
Production
TSSOP (PW) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
MUX508B
MUX508IPWRG4.B
Active
Production
TSSOP (PW) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
MUX508B
MUX509ID
Active
Production
SOIC (D) | 16
40 | TUBE
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
M36509D
MUX509ID.B
Active
Production
SOIC (D) | 16
40 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
M36509D
MUX509IDR
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
M36509D
MUX509IDR.B
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
M36509D
MUX509IPW
Active
Production
TSSOP (PW) | 16
90 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
MUX509C
MUX509IPW.B
Active
Production
TSSOP (PW) | 16
90 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
MUX509C
MUX509IPWR
Active
Production
TSSOP (PW) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
MUX509C
MUX509IPWR.B
Active
Production
TSSOP (PW) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
MUX509C
MUX509IPWRG4.B
Active
Production
TSSOP (PW) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
MUX509C
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com