Electronic Components Datasheet Search
  English  ▼

X  

0817549 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0817549
Description  WML 14 (25X19)R YE - Wire-wrap label
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0817549 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0817549 Datasheet HTML 1Page - PHOENIX CONTACT 0817549 Datasheet HTML 2Page - PHOENIX CONTACT 0817549 Datasheet HTML 3Page - PHOENIX CONTACT 0817549 Datasheet HTML 4Page - PHOENIX CONTACT 0817549 Datasheet HTML 5Page - PHOENIX CONTACT 0817549 Datasheet HTML 6Page - PHOENIX CONTACT 0817549 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Wire-wrap label, Roll, yellow, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, cable diameter range: 6.1 ... 14.2 mm, mounting
type: adhesive, cable diameter: ≤ 14.2 mm, Number of individual labels: 1500, text field height:
19.1 mm, text field width: 25.4 mm
Your advantages
For indoor and outdoor applications: high resistance to dirt and abrasion due to the protective laminate
•
Firmly defined positioning of labels thanks to the adhesive system
•
Broad diameter range with many different applications inside and outside the control cabinet
•
The wrap-around labels do not create any additional volume, so the cable can also be pulled through cable ducts, for example
•
Quick and easy handling
•
For cylindrical objects, single wires, and cables
•
Commercial data
Item number
0817549
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG15
Product key
BG2311
GTIN
4046356125581
Weight per piece (including packing)
701.6 g
Weight per piece (excluding packing)
701 g
Customs tariff number
39199080
Country of origin
DE
WML 14 (25X19)R YE - Wire-wrap label
0817549
https://www.phoenixcontact.com/us/products/0817549
Aug 18, 2025, 7:00AM
Page 1 (7)


Similar Part No. - 0817549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0817549 PHOENIX-0817549 Datasheet
6Mb / 76P
THERMOMARK LINE
More results

Similar Description - 0817549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0803276 PHOENIX-0803276 Datasheet
42Kb / 2P
Plastic label - EMLP (EX15)R YE
0815606 PHOENIX-0815606 Datasheet
48Kb / 3P
Label - EML (110XE)R YE
1014305 PHOENIX-1014305 Datasheet
44Kb / 2P
Magnetic label - PMM (EX20)R YE
1014308 PHOENIX-1014308 Datasheet
44Kb / 2P
Magnetic label - PMM (EX25)R YE
1014311 PHOENIX-1014311 Datasheet
44Kb / 2P
Magnetic label - PMM (EX30)R YE
1014314 PHOENIX-1014314 Datasheet
44Kb / 2P
Magnetic label - PMM (EX40)R YE
1014317 PHOENIX-1014317 Datasheet
44Kb / 2P
Magnetic label - PMM (EX50)R YE
1116052 PHOENIX-1116052 Datasheet
55Kb / 2P
Label - MM-EML (EX10)R C1 YE/BK
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com