Electronic Components Datasheet Search
  English  ▼

X  

0827079 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0827079
Description  PATG 3/12 - Conductor marker carrier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0827079 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0827079 Datasheet HTML 1Page - PHOENIX CONTACT 0827079 Datasheet HTML 2Page - PHOENIX CONTACT 0827079 Datasheet HTML 3Page - PHOENIX CONTACT 0827079 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Product properties
Product type
Marker carriers
Dimensions
Width
12 mm
Height
7.5 mm
Depth
9.41 mm
External dimensions
Outside diameter
4 mm ... 7 mm
Text field
Text field width
12 mm
Text field height
4 mm
Material specifications
RoHS compliant
yes
Color
transparent
Material
PVC
Flammability rating according to UL 94
V0
Components
Silicone-free
Cable/line
External cable diameter
4 mm ... 7 mm
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Ambient conditions
Ambient temperature (operation)
-50 °C ... 80 °C
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Mounting
Mounting type
slide-on
PATG 3/12 - Conductor marker carrier
0827079
https://www.phoenixcontact.com/us/products/0827079
Aug 18, 2025, 6:58AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com