Electronic Components Datasheet Search
  English  ▼

X  

200 Datasheet(PDF) 3 Page - Staco Energy Products Co.

Part # 200
Description  Variable Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STACOENERGY [Staco Energy Products Co.]
Direct Link  https://www.stacoenergy.com/
Logo STACOENERGY - Staco Energy Products Co.

200 Datasheet(HTML) 3 Page - Staco Energy Products Co.

  200 Datasheet HTML 1Page - Staco Energy Products Co. 200 Datasheet HTML 2Page - Staco Energy Products Co. 200 Datasheet HTML 3Page - Staco Energy Products Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
221-B
Single Unit
Two and Three Gang Units
View from
Base End
201-3
100/200 Series
INPUT
OUTPUT
TERMINAL CONNECTIONS
CONSTANT
CONSTANT
SHAFT
(For increasing Voltage)
PART NO.
WIRING
VOLTS
HERTZ
VOLTS
CURRENT
IMPEDANCE
ROTATION
As Viewed from Base End
SCHE-
NET
LOAD
LOAD
FOR
MATIC
WT.
MAX
MAX
MAX
MAX
VOLTAGE
Input
Jumper•
Output
(Pg 8 & 9)
LBS.
AMPS
KVA
AMPS
KVA
INCREASE
Single
50/60
0-120
3.0
0.36
3.5
0.42
CW
1-2
—
1-3
291
Phase
120
CCW
1-2
—
2-3
1
2 1/2
60
0-132
3.0
0.40
—
—
CW
1-4
—
1-3
Single
50/60
0-240
3.0
0.72
3.5
0.84
CW
2-2
1-1
3-3
Phase
240
CCW
1-1
2-2
3-3
1 & 4
5 1/2
Series
60
0-264
3.0
0.79
—
—
CW
4-4
1-1
3-3
291-2
Three
50/60
0-120
3.0
0.62
3.5
0.73
CW
2-1-2
1-1
3-1-3
Phase
120++
CCW
1-2-1
2-2
3-2-3
1 & 5
5 1/2
Open
60
0-132
3.0
0.69
—
—
CW
4-1-4
1-1
3-1-3
Delta π
Three
CW
2-2-2
1-1-1
3-3-3
291-3
Phase
240++
60
0-240
3.0
1.25
3.5
1.45
CCW
1-1-1
2-2-2
3-3-3
1 & 6
8 1/4
Wye π
•
Jumper provided in the standard common position and should be moved or removed as required.
++ Line to line voltage
π
If ganged units are used in a system that ordinarily has a common neutral or ground between source and load, the neutral or ground must be connected to the com-
mon terminals of the variable transformer assembly. If the system has no neutral, the load must be balanced or the transformers will be damaged.
120V
240V
TYPE
B
171-2, 201-2
4.66” [118.3]
171-3, 201-3
7.38” [187.2]
221-B-2, 252-2
5.16” [131.0]
221-B-3, 252-3
8.12” [206.4]
291-2
5.59” [142.1]
291-3
8.81” [223.8]
TYPE
A
171, 201
1.88” [47.6]
221-B, 252
2.12” [54.0]
291
2.31” [58.7]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com