Electronic Components Datasheet Search
  English  ▼

X  

0830409 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830409
Description  WMTB HF (55X15)R - Cable marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830409 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830409 Datasheet HTML 1Page - PHOENIX CONTACT 0830409 Datasheet HTML 2Page - PHOENIX CONTACT 0830409 Datasheet HTML 3Page - PHOENIX CONTACT 0830409 Datasheet HTML 4Page - PHOENIX CONTACT 0830409 Datasheet HTML 5Page - PHOENIX CONTACT 0830409 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker, Roll, white, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, mounting type: Assembly with cable ties, cable
diameter: ≥ 6 mm, Number of individual labels: 1000, text field height: 15 mm, text field width: 55
mm
Your advantages
The WMTB HF ... conductor and cable marking is used for the identification and bundling conductors and cables indoors and outdoors
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The markers are made of a halogen-free material
•
The highly flexible material adapts to the conductors and cables
•
Commercial data
Item number
0830409
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG15
Product key
BG2311
GTIN
4046356716017
Weight per piece (including packing)
1,270 g
Weight per piece (excluding packing)
1,170 g
Customs tariff number
39204910
Country of origin
DK
WMTB HF (55X15)R - Cable marker
0830409
https://www.phoenixcontact.com/us/products/0830409
Aug 18, 2025, 7:56AM
Page 1 (6)


Similar Part No. - 0830409

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830402 PHOENIX-0830402 Datasheet
59Kb / 3P
Snap-in markers - UCT-EM (20X9) - 0801471
06/20/2018
0830407 PHOENIX-0830407 Datasheet
187Kb / 6P
WMTB HF (40X12)R - Cable marker
0830408 PHOENIX-0830408 Datasheet
189Kb / 6P
WMTB HF (40X12)R YE - Cable marker
More results

Similar Description - 0830409

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM3-9WE ETC2-SM3-9WE Datasheet
124Kb / 4P
Cable Marker
logo
TE Connectivity Ltd
TTDS-037 TEC-TTDS-037 Datasheet
410Kb / 3P
HL Cable Marker
logo
PHOENIX CONTACT
1014049 PHOENIX-1014049 Datasheet
54Kb / 3P
Conductor marker carrier - PATG HF 1/30
09/11/2020
0828376 PHOENIX-0828376 Datasheet
60Kb / 4P
Cable marker - UC-WMTB (44X15)
09/11/2020
0828381 PHOENIX-0828381 Datasheet
61Kb / 4P
Cable marker - UC-WMTB (44X15) BU
09/11/2020
0830524 PHOENIX-0830524 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (40X15)
09/11/2020
0830525 PHOENIX-0830525 Datasheet
56Kb / 3P
Cable marker - WMTB-AL (60X15)
09/11/2020
0830805 PHOENIX-0830805 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (29X8)
09/11/2020
5148007 PHOENIX-5148007 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110-WMTB HF
09/12/2020
3240803 PHOENIX-3240803 Datasheet
57Kb / 3P
Cable tie - WT-R HF 4,8X200
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com