Electronic Components Datasheet Search
  English  ▼

X  

3217 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3217
Description  Maker Paste - Low Temperature Lead- Free Prototyping Solder Paste
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3217 Datasheet(HTML) 2 Page - Adafruit Industries

  3217 Datasheet HTML 1Page - Adafruit Industries 3217 Datasheet HTML 2Page - Adafruit Industries 3217 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The lead free metal content is a mix of Bismuth, Tin and Silver. The mix is a
eutectic solder, meaning that it’s either going to be a solid or liquid during re-
flow; not something in between.
Features:
Lead free
No clean-up
Clear residue
Premixed, ready to use
Low temperature use
Specifications:
Bi57 42Sn Ag1
~10 grams
Liquidus at 140 °C (284 °F)
TECHNICAL DETAILS
Product Dimensions: 70.0mm x 16.0mm x 10.2mm / 2.8" x 0.6" x 0.4"
Product Weight: 9.6g / 0.3oz
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com