Electronic Components Datasheet Search
  English  ▼

X  

3345 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3345
Description  Adafruit Metro Starter Pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3345 Datasheet(HTML) 2 Page - Adafruit Industries

  3345 Datasheet HTML 1Page - Adafruit Industries 3345 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
It includes:
Adafruit Metro 328 w/ Headers ‐ The Adafruit Metro ‐ assembled and ready to go, including 4 rubber feet
MicroUSB Cable ‐ Perfect for connecting your Metro to a computer
Protoshield Kit ‐ Get hacking with the best prototyping shield out there!
Tiny Breadboard ‐ Fits on top of the protoshield, easy to use
9V DC regulated wall adapter ‐ You can power your Metro from any wall socket. This switching regulator is 
efficient and small and works with US (110V) and European (220V) power.
9V Battery case with switch and a 2.1mm plug‐ so you can power your Metro using a 9V battery. This case 
is much sturdier than just a battery clip and it has an on/off switch too! Note that this comes unassembled
Tutorial starter pack parts ‐ Includes a 10K potentiometer, 1K potentiometer, 2 small pushbuttons, 5 red 
diffused bright LEDs, one each of red, green and blue ultra‐bright LED, 5 100 ohm resistors, 5 1K resistors, 5 
10K resistors, and a CdS photocell sensor.
Also includes 65 flexible breadboard wires in 8 colors, perfect for use with the solderless breadboard.
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com