Electronic Components Datasheet Search
  English  ▼

X  

3373 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3373
Description  Hobby Creek Magnetic Helper Hand
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3373 Datasheet(HTML) 2 Page - Adafruit Industries

  3373 Datasheet HTML 1Page - Adafruit Industries 3373 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
It features:
o
Two swiveling clips with silicone covers
o
Neodymium magnetic base
o
Full articulation in all directions
Technical Details
o
Base Diameter: 32mm / 1.26"
o
Base Thickness: 24mm / 0.95"
o
Arm Diameter: 15.9mm / 0.63"
o
Arm Length (from Y-connector, including clip): ~295mm / ~11.5"
o
Weight: 204.5g
                                Engineered in NYC Adafruit ® https://www.adafruit.com/product/3373 6‐8‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com