Electronic Components Datasheet Search
  English  ▼

X  

3517 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3517
Description  Circuit Playground Express Developer Edition - Base Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3517 Datasheet(HTML) 2 Page - Adafruit Industries

  3517 Datasheet HTML 1Page - Adafruit Industries 3517 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
About Circuit Playground Express:
Circuit Playground Express is the next step towards a perfect introduction to electronics and
programming. We've taken the original Circuit Playground Classic and made it even better! Not only did
we pack even more sensors in, we also made it even easier to program. You can now start your journey
with Microsoft MakeCode block-based or Javascript programming. Then, you can use the same board to
try CircuitPython, with the Python interpreter running right on the Express. As you progress, you can
advance to using Arduino IDE, which has full support of all the hardware down to the low level, so you
can make powerful projects.
Because you can program the same board in 3 different ways - the Express has great value and re-usability.
From beginners to experts, Circuit Playground Express has something for everyone. If you are looking for
our original, Arduino-only Circuit Playground, check out the Circuit Playground Classic.
Here's some of the great goodies baked in to each Circuit Playground:
o
10 x mini NeoPixels, each one can display any color
o
1 x Motion sensor (LIS3DH triple-axis accelerometer with tap detection, free-fall detection)
o
1 x Temperature sensor (thermistor)
o
1 x Light sensor (phototransistor). Can also act as a color sensor and pulse sensor.
o
1 x Sound sensor (MEMS microphone)
o
1 x Mini speaker with class D amplifier (7.5mm magnetic speaker/buzzer)
o
2 x Push buttons, labeled A and B
o
1 x Slide switch
o
Infrared receiver and transmitter - can receive and transmit any remote control codes, as well as
send messages between Circuit Playground Expresses. Can also act as a proximity sensor.
o
8 x alligator-clip friendly input/output pins
o
Includes I2C, UART, 8 pins that can do analog inputs, multiple PWM output
o
7 pads can act as capacitive touch inputs and the 1 remaining is a true analog output
o
Green "ON" LED so you know its powered
o
Red "#13" LED for basic blinking
o
Reset button
o
ATSAMD21 ARM Cortex M0 Processor, running at 3.3V and 48MHz
o
2 MB of SPI Flash storage, used primarily with CircuitPython to store code and libraries.
o
MicroUSB port for programming and debugging
o
USB port can act like serial port, keyboard, mouse, joystick or MIDI!
Technical Details
o
Circuit Playground outer diameter: ~50.6mm / ~2.0"
o
Circuit Playground weight: 8.5g
                                Engineered in NYC Adafruit ® https://www.adafruit.com/product/3517 5‐19‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com