Electronic Components Datasheet Search
  English  ▼

X  

3529 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3529
Description  Hobby Creek Mag Hand Professional Workstation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3529 Datasheet(HTML) 2 Page - Adafruit Industries

  3529 Datasheet HTML 1Page - Adafruit Industries 3529 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Description
Just when we begin to think that Hobby Creek couldn't possibly offer another third hand product that would
raise the bar of awesome-ness, they go ahead and do it! The Mag Hand Professional Workstation builds
upon Hobby Creek's ever popular third hand tools. This new tool incorporates magnets for enhanced
flexibility, and we've got to say... it's mag-nificent!
Each arm and accessory features a rare-earth magnet in its base which firmly holds to the steel base plate.
Simply lift the arm base on an angle and reposition the whole arm exactly where you need it. Need a
helping hand away from your bench? Simply take the arms with you and they’ll hold to any steel surface.
Each workstation comes with four 15” arms with premium alligator clips. The alligator clips have high heat
resistant silicone covers which won’t melt or scratch your projects. The alligator clips also rotate 360
degrees. Simply twist to the angle you need and they stay in place. No extra steps or tightening required
due to a patent pending mechanism.
Need to store components? They've also included two stainless steel magnetic parts trays which can be
positioned exactly where you need or removed from the base for more room. Simply lift and place where
you need them.
And, if you're working on sensitive electronics, Hobby Creek has included a snap connector in the corner
for grounding. Simply attach your ground strap and your project is now grounded, and safe from electro-
static-discharge (ground strap not included!).
Includes:
o
4x - Premium Flexible arms with magnetic bases - 15" Length - easily positioned and stay in place
- heat resistant
o
1x - Durable powder coated steel base - over 4.5 lbs - won't tip over
o
4x - Silicon clip tips for the ultimate heat resistance
o
2x - Magnetic trays that can be positioned anywhere - ESD ground snap for quick and easy
grounding
o
1x - Small bottle of arm lubricant
Try pairing it with the Hobby Creek Magnetic Helper Hand!
Technical Details
o
Base Dimensions: 229mm x 152mm / 9" x 6"
o
Base Thickness: 5mm / 0.2"
o
Base Weight: 1,236g / 2.7 lbs
o
Arm Diameter: 15.9mm / 0.63"
o
Arm Length (including base): ~380mm / 15"
o
Arm Weight: 180g
o
Tray Dimensions: 93.3mm x 64.2mm x 25mm / 3.7" x 2.5" x 1"
o
Tray Weight: 84g
                               Engineered in NYC Adafruit ® https://www.adafruit.com/product/3529 6‐16‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com