Electronic Components Datasheet Search
  English  ▼

X  

3565 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3565
Description  ATTEN 50W 110V Soldering Station - AT- 937
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3565 Datasheet(HTML) 2 Page - Adafruit Industries

  3565 Datasheet HTML 1Page - Adafruit Industries 3565 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The powering station is equipped with a temperature control knob lock. After setting the desired 
temperature, tighten the hex nut on the underside of the knob mount using the supplied hex wrench. 
Turn the nut clockwise to tighten the knob lock. The heater light blinks on and off when the iron tip 
reaches the set temperature. 
Please note that it comes with a blunt conical tip which is good for bigger through‐hole parts. We 
found its OK for beginner projects but you'll likely want to pick up some alternative tips. You can use 
any "Hakko style" soldering tips to quickly change from through hole to SMT to drag‐soldering and 
back. We strongly recommend picking up a screw‐driver style tip for better THM results, and a fine‐
point tip for SMT work. 
The included metal iron holder provides a safe way to put aside your soldering iron while still hot, and 
also includes a cleaning sponge with sponge tray. With proper care it will last for many years. Turn it 
off when not in use and clean the plated tip with a slightly damp sponge (no filing or sanding!) 
Includes: 
o
Station/receptacle 
o
Soldering iron (ATTEN907) 
o
ATTEN iron holder with cleaning sponge 
o
Instruction manual 
Plug is 110 US‐style and can only be used in 110V countries! Do not attempt to use a plug‐converter 
with this soldering iron to use in 220V countries. 
 
Technical Details
o
Power Voltage: 110V AC / 60Hz 
o
Power Consumption: 50W 
o
Temperature Range: 200 ~ 480°C / 392 ~ 896°F 
o
Tip Leakage Voltage: < 5mV 
o
Standard Tip: 900M 
o
Length (iron only): ~225mm / ~8.8" 
o
Weight (iron only): ~52g 
o
Dimensions (power station only): ~6.5" x 4.5" x 3.5" 
o
Weight (power station only): ~1,092g / ~2.4 lbs 
For product support, replacement parts and warranty for ATTEN products visit the ATTEN support 
page or contact ATTEN directly. 
 
 
                                                    https://www.adafruit.com/product/3540 8‐1‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com