Electronic Components Datasheet Search
  English  ▼

X  

3602 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3602
Description  Google AIY Voice Kit for Raspberry Pi
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3602 Datasheet(HTML) 1 Page - Adafruit Industries

  3602 Datasheet HTML 1Page - Adafruit Industries 3602 Datasheet HTML 2Page - Adafruit Industries 3602 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
Google AIY Voice Kit for Raspberry Pi
PRODUCT ID: 3602  
Description
Need directions to your nearest dry cleaner? Or maybe you need to send a hands‐free email? Perhaps 
you just want to know what the weather's like in Timbuktu. Ask your new little friend – the Google AIY 
Voice Bot! 


Similar Part No. - 3602

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
3602 RHOPOINT-3602 Datasheet
51Kb / 2P
Low Thermal EMF Reed Relays
logo
Pomona Electronics
3602 POMONA-3602 Datasheet
26Kb / 1P
Shielded Housing, Size ?쏡?? BNC Female Both Ends
logo
Lumberg
3602 LUMBERG-3602 Datasheet
89Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
3602 LUMBERG-3602 Datasheet
466Kb / 4P
RAST 5 connectors, pitch 5.0 mm
logo
Heyco.
3602 HEYCO-3602 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
More results

Similar Description - 3602

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3257 ETC2-3257 Datasheet
110Kb / 2P
Kano Computer Kit with Raspberry Pi 3
logo
SparkFun Electronics
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
KIT-16987 SPARKFUN-KIT-16987 Datasheet
140Kb / 1P
SparkFun Qwiic SHIM Kit for Raspberry Pi
9??2??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
110061125 ETC-110061125 Datasheet
324Kb / 4P
Raspberry Pi 4B - Starter Kit - 4GB
110061131 ETC-110061131 Datasheet
286Kb / 3P
Raspberry Pi 4B - Basic Kit - 4GB
114992066 ETC-114992066 Datasheet
468Kb / 5P
RF Explorer IoT Touchscreen Kit For Raspberry Pi
PI400 ETC2-PI400 Datasheet
2Mb / 8P
Raspberry PI 400 US KIT ENGLISH VERSION
November 2020
THSER101 ETC-THSER101 Datasheet
1Mb / 8P
Cable Extension Kit for Raspberry Pi Camera
Rev. 1.10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com