Electronic Components Datasheet Search
  English  ▼

X  

3754 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3754
Description  The 3D Printing Handbook ‐ by 3D Hubs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3754 Datasheet(HTML) 2 Page - Adafruit Industries

  3754 Datasheet HTML 1Page - Adafruit Industries 3754 Datasheet HTML 2Page - Adafruit Industries 3754 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
"'The Handbook' will help to guide you on your own path as you look to leverage 3D printing and its 
potential to create your own breakthrough products that hopefully will change the world. Every 
designer and engineer should keep it close as it paves your way into new manufacturing technologies 
that will spur your creativity and unlock your ideas as they become reality. Creation is changing, 
manufacturing is changing, and design is changing, turn the page it's time to stay ahead..." 
Table of Contents 
Part One – 3D Printing Technologies & Materials 
o
Overview of 3D Printing 
o
Material Extrusion – FFF 
o
VAT Polymerization – SLA/DLP 
o
Powder Bed Fusion (Polymers) – SLS 
o
Material Jetting – Material Jetting, DOD 
o
Binder Jetting 
o
Powder Bed Fusion (Metals) – DMLS/SLM, EBM 
o
Decision making tools 
Part Two – Designing for 3D Printing 
o
General design and considerations for 3D printing 
o
Description of 3D printed features 
o
Designing for FFF 
o
Designing for SLA/DLP 
o
Designing for SLS 
o
Designing for Material Jetting 
o
Designing for Binder Jetting 
o
Designing for DMLS/SLM 
o
Design rules summary table 
Part Three – Applications of 3D Printing 
o
Tools for producing 3D designs 
o
Applications of FFF 
o
Applications of SLA/DLP 
o
Applications of SLS 
o
Applications of Material Jetting 
o
Applications of Binder Jetting 
o
Applications of DMLS/SLM 
 
Product Dimensions: 243.0mm x 171.0mm x 20.0mm / 9.6" x 6.7" x 0.8"  
Product Weight: 765.0g / 27.0oz  
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com