Electronic Components Datasheet Search
  English  ▼

X  

SPFIT04M Datasheet(PDF) 2 Page - Positronic.

Part # SPFIT04M
Description  SCORPION MODULAR POWER, SIGNAL CONNECTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

SPFIT04M Datasheet(HTML) 2 Page - Positronic.

  SPFIT04M Datasheet HTML 1Page - Positronic. SPFIT04M Datasheet HTML 2Page - Positronic. SPFIT04M Datasheet HTML 3Page - Positronic. SPFIT04M Datasheet HTML 4Page - Positronic. SPFIT04M Datasheet HTML 5Page - Positronic. SPFIT04M Datasheet HTML 6Page - Positronic. SPFIT04M Datasheet HTML 7Page - Positronic. SPFIT04M Datasheet HTML 8Page - Positronic. SPFIT04M Datasheet HTML 9Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Positronic
Scorpion General Information
connectpositronic.com
THE SCIENCE OF CERTAINTY
2
GENERAL
Part Number Prefix
SP
Performance Level
Industrial
Mil/aero
Qualifications
UL #E49351*1
*1 Partial UL certification only. Contact
Technical Sales for specific connector
qualifications and for UL status of
Hyperboloid contacts.
MATERIAL
Insulator Material
Polyester
Insulator Color
Blue
Flammability Rating
UL94 V-0
Contact Material
Copper alloy
Contact Plating
Gold flash
0.76μm Au (min)
1.27μm Au (min)
ELECTRICAL
Working Voltage (rms)
100 V to 1000 V
Initial Contact Resistance
Power
Signal
0.2 mΩ*1
5 mΩ
Contact Current Rating*2
Power
Signal
Up to 100A*1
3A*3
*1 Value established using high conductivity alloy
*2 See page 9-10 for temperature rise curves
*3
Hyperboloid contacts 0.60 [0.0236] rated
to 4A
MECHANICAL
Contact Style
Fixed
Removable
Female Contact Design
Open entry
Closed entry
Mating Cycles*1
Up to 1000
*1 Hyperboloid contacts up to 100,000
ENVIRONMENTAL
Operating Temperature
-55 to 125ºC
Scorpion brings a unique approach to modular
connector design that is only available from Positronic.
Scorpion provides the flexibility to configure the
connector to meet your specifications. The difference
is how Positronic builds the final connector, using our
innovative tooling and injection molding process. The
result is a
Scorpion with solid body and machined
contacts, ready to perform.
Trust the
Scorpion to deliver The Science of Certainty
TECH SPECS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com