Electronic Components Datasheet Search
  English  ▼

X  

SPFRA04MS Datasheet(PDF) 3 Page - Positronic.

Part # SPFRA04MS
Description  SCORPION MODULAR POWER, SIGNAL CONNECTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

SPFRA04MS Datasheet(HTML) 3 Page - Positronic.

  SPFRA04MS Datasheet HTML 1Page - Positronic. SPFRA04MS Datasheet HTML 2Page - Positronic. SPFRA04MS Datasheet HTML 3Page - Positronic. SPFRA04MS Datasheet HTML 4Page - Positronic. SPFRA04MS Datasheet HTML 5Page - Positronic. SPFRA04MS Datasheet HTML 6Page - Positronic. SPFRA04MS Datasheet HTML 7Page - Positronic. SPFRA04MS Datasheet HTML 8Page - Positronic. SPFRA04MS Datasheet HTML 9Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Positronic
Scorpion General Information
THE SCIENCE OF CERTAINTY
connectpositronic.com
3
Overall Length (OAL) of a connector is the sum of all the modules’ length. Refer to example below for OAL maximum calculation.
See page 6-8 for individual module dimensions.
■ A Scorpion part number can be a maximum of 30 characters. If the connector configuration exceeds this
number, please contact Technical Sales for a special part number for your unique requirement.
■ Pinout sequence may not be continuous. Contact Technical Sales for more information.
■ Contact Technical Sales for connector length exceeding 101.00 [3.976].
■ For connectors offering both fixed solder and crimp contacts, contact Technical Sales.
■ Alignment bar is only available for size 16, size 18, size 22, and hyperboloid Ø0.60 [0.0236] right angle contacts.
■ PosiBand contacts available for size 12, 16, 18 and 22.
■ If there are more than 36 signal pins in one connector, customer will need to take note of the tolerances and
alignment issues.
HOW TO CALCULATE OAL
OVERALL LENGTH (OAL)
Positronic is proud to participate
in PICMG 3.8. The Scorpion
series was chosen as the PICMG
3.8 power connector.
PICMG® logo is a registered trademark
of the PCI Industrial Computers
Manufacturers Group.
OAL up to 101.00 [3.976]
Options from Module Layouts (pg 6-8)
Option from
Body Style
(pg 6)
Option will
be provided
according to
1st Body Style
chosen
N5
Y
U
K
E
D
N
X
Y
R
2 or 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com