Electronic Components Datasheet Search
  English  ▼

X  

834 Datasheet(PDF) 14 Page - Positronic.

Part # 834
Description  SCORPION MODULAR POWER, SIGNAL CONNECTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

834 Datasheet(HTML) 14 Page - Positronic.

Back Button 834 Datasheet HTML 8Page - Positronic. 834 Datasheet HTML 9Page - Positronic. 834 Datasheet HTML 10Page - Positronic. 834 Datasheet HTML 11Page - Positronic. 834 Datasheet HTML 12Page - Positronic. 834 Datasheet HTML 13Page - Positronic. 834 Datasheet HTML 14Page - Positronic. 834 Datasheet HTML 15Page - Positronic. 834 Datasheet HTML 16Page - Positronic.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Positronic
Scorpion Accessories
connectpositronic.com
THE SCIENCE OF CERTAINTY
14
connectpositronic.com
THE SCIENCE OF CERTAINTY
14
B
Angle brackets,
clearance hole*1
N
Boardlocks*2
1
2-56 threaded insert*1
822
Float mount, 4-40 threaded
insert, 0.60 [0.024] per side,
1.50 [0.059] panel thickness*2
832
Float mount, 4-40 threaded
insert, 0.60 [0.024] per side,
2.30 [0.091] panel thickness*2
821
Float mount, 2-56 threaded
insert, 0.60 [0.024] per side,
1.50 [0.059] panel thickness*1
831
Float mount, 2-56 threaded
insert, 0.60 [0.024] per side,
2.30 [0.091] panel thickness*1
824
Float mount, 4-40 threaded
insert, 1.20 [0.047] per side,
1.50 [0.059] panel thickness*2
834
Float mount, 4-40 threaded
insert, 1.20 [0.047] per side,
2.30 [0.091] panel thickness*2
BS
Angle brackets,
threaded*1
LN
Angle brackets,
boardlocks*1
CODE
MATERIALS
B, BS, LN
Brass with tin plate
N
Copper alloy with tin plate
CODE
MATERIALS
1, 2
Brass
82, 83, 821, 822, 823, 824, 831, 832, 833, 834
Steel with zinc plate
*1 For use with right angle PCB mount using code 4 or 48 in
Termination step.
*2 For use with straight and right angle PCB mount using
code 3, 38, 4 or 48 in Termination step.
*1 For use with code 1 or 2 in Body Style step.
*2 For use with code 8 in Body Style step.
*3 For use with code 1, 2, 4 or 5 in Body Style step, contact Technical Sales for more floating options.
*4 For use with code 1 in Body Style step, contact Technical Sales for more floating options.
823
Float mount, 2-56 threaded
insert, 1.20 [0.047] per side,
1.50 [0.059] panel thickness *4
833
Float mount, 2-56 threaded
insert, 1.20 [0.047] per side,
2.30 [0.091] panel thickness*4
PANEL MOUNT
PCB MOUNT
ACCESSORIES
82
Float mount, 0.60 [0.024]
per side, 1.50 [0.059] panel
thickness*3
83
Float mount, 2.30 [0.091]
panel thickness*3
2
4-40 threaded insert*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com