Electronic Components Datasheet Search
  English  ▼

X  

RX30 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # RX30
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

RX30 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  RX30 Datasheet HTML 1Page - RUBYCON CORPORATION RX30 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
◆DIMENSIONS
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
RX30
SERIES
RX30
◆SPECIFICATIONS
◆MULTIPLIER FOR RIPPLE CURRENT
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−25∼+130℃
−40∼+130℃
10∼100Vdc
200, 400Vdc
10∼100Vdc
10∼100Vdc
200, 400Vdc
10∼100Vdc
200, 400Vdc
200, 400Vdc
±20%
(20℃,
120Hz)
I=0.01CV or 3μA whichever is greater.
  (After 2 minutes application of rated voltage)
I=0.1CV+40μA (1 minute)
I=0.03CV+15μA (5 minutes)
I=0.04CV+100μA (1 minute)
I=0.02CV+25μA (5 minutes)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(Vdc)
Rated Voltage
(Vdc)
tanδ
0.20
10
0.16
16
0.14
25
0.12
35
0.10
50
0.09
63
0.08
100
0.15
200
0.20
400
Rated Voltage
(Vdc)
Z
(−25℃)
/Z
(20℃)
10
16
25
35
50
63
322222
Z
(−40℃)
/Z
(20℃) 643333
100
2
3−
−
200
3
400
6
Leakage Current
Dissipation Factor
Capacitance Change
Within ±30% of the
initial value.
Not more than 300%
of the specified value.
Within ±20% of the
initial value.
Not more than 200%
of the specified value.
Not more than the specified value.
2000
1000
2000
−
Case Size
Life Time
(hrs)
After applying rated voltage with rated ripple current for specified time at 130℃,
the capacitors shall meet the following requirements.
Load Life : 130℃ 1000∼4000 hours
・For Automotive and LED Lighting applications.
・AEC-Q200.
Frequency
(Hz)
Coefficient
60(50) 120
1k
10k 100k≦
0.35 0.42 0.60 0.80 1.00
0.45
4.7μF
10∼33μF
0.55 0.75 0.90 1.00
0.60
47∼330μF
0.70 0.85 0.95 1.00
0.65
470∼1500μF
0.75 0.90 0.98 1.00
0.75
2200∼4700μF
0.80 0.95 1.00 1.00
Frequency
(Hz)
Coefficient
120
1k
10k 100k≦
0.20 0.40 0.80 1.00
1∼5.6μF
6.8∼15μF
0.30 0.60 0.90 1.00
22∼33μF
0.50 0.80 0.90 1.00
(20℃,
120Hz)
(120Hz)
◆PART NUMBER
□□□
Rated Voltage
RX30
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
φD=6.3
φD=8, 10
−
4000
φD≧12.5
When capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
φD
φd
F
β
0.6
0.5
8
6.3
3.5
2.5
10 12.5 16
18
5.0
7.5
0.8
0.5
1.0
(mm)
CV≦1000
CV>1000
◆OPTION
RoHS
compliance
PET Sleeve
Code
Blank
L+2MAX
15MIN
4MIN
φd
φD+β MAX
SLEEVE(PET)


Similar Part No. - RX30

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
RX30 RUBYCON-RX30 Datasheet
58Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
RX30 RUBYCON-RX30 Datasheet
262Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
RX30 RUBYCON-RX30 Datasheet
198Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
fujitsu semiconductor
RX300 FUJITSU-RX300 Datasheet
203Kb / 10P
Fujitsu PRIMERGY RX300 S6 Dual socket 2 U rack server
logo
Richco, Inc.
RX3030-0 RICHCO-RX3030-0 Datasheet
70Kb / 1P
CABLE & FIBER MANAGEMENT
More results

Similar Description - RX30

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25PX100MEFC5X11 RUBYCON-25PX100MEFC5X11 Datasheet
172Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXJ100M5X11 RUBYCON-25YXJ100M5X11 Datasheet
174Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ML10MEFC4X7 RUBYCON-35ML10MEFC4X7 Datasheet
181Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35PX1000MEFC10X20 RUBYCON-35PX1000MEFC10X20 Datasheet
172Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH680MEFC10X23 RUBYCON-35ZLH680MEFC10X23 Datasheet
182Kb / 3P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
50YXF10MEFC5X11 RUBYCON-50YXF10MEFC5X11 Datasheet
171Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
50YXJ22MTA5X11 RUBYCON-50YXJ22MTA5X11 Datasheet
174Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400LLE3R3MEFC8X11.5 RUBYCON-400LLE3R3MEFC8X11.5 Datasheet
175Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
450BXW180MEFC18X50 RUBYCON-450BXW180MEFC18X50 Datasheet
209Kb / 4P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
6.3ZLQ4700MEFC10X25 RUBYCON-6.3ZLQ4700MEFC10X25 Datasheet
170Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com