Electronic Components Datasheet Search
  English  ▼

X  

4609 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 4609
Description  TO-3 POWER TRANSISTOR SOCKET & MOUNTING KITS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

4609 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  4609 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
111
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
SOCKETS FOR TO-3 CASE
Socket and transistor are assembled to chassis at same time, using the minimum
amount of hardware. Top molded boss ensure the transistor leads will be isolated from
the
chassis.
Various
boss
heights
available
to
accommodate
different
chassis thicknesses.
Socket is installed onto chassis using eyelets or screws. Transistor is installed af-
terwards. Assembly and repairs are simplified since socket will stay in place with-
out transistor mounted. Top molded boss or added bushing ensure the
transistor leads will be isolated from the chassis. Various boss heights available to
accommodate standard chassis thicknesses. Use Cat. No. 4606 and nylon bush-
ings for special chassis thicknesses.
CAT. NO.
A DIM.
4603
.030 (.76)
4602
.045 (1.14)
4601
.090 (2.29)
VARIOUS MOLDED BOSS HEIGHTS
CAT. NO.
A DIM.
4606
NONE
4607
.030 (.76)
4608
.045 (1.14)
4609
.060 (1.52)
4618
.125 (3.2)
.204
[5.2]
DIA.
1.530 [38.9]
.460
[11.7]
REF.
.430
[10.9]
.730
[18.6]
1.188 [30.2]
.665 [16.9]
FORMED THREAD
FOR #6-20 SCREW
(TYPE B) (2) PLS
.064 [1.63] DIA.
(2) PLS
A
.460
[11.7]
REF.
1.188 [30.2]
.521 [13.3]
.430 [11.0]
.695
[17.7]
1.000
[25.4]
.180
[4.6]
1.090 [27.7]
1.350 [34.3]
.144 [3.7]
DIA. (2) PLS
FORMED THREAD
FOR #6-20 SCREW
(TYPE B) (2) PLS
A
.220
[5.6]
DIA.
MATERIAL:
Base: Phenolic, Grade PBE, Type XP
Contacts: Brass, Tin Plate
Top Plate: Nylon, ASTM-D4066
Phenolic, Grade PBE, Type XP
(Cat. No. 4606 only)
Collector Plate: Steel, Tin Plate
FULLY MOLDED TO-3 SOCKET
CAT. NO. 4620
MATERIAL:
Base: Molded Nylon 6/6
Contacts: Brass, Tin Plate
Collector Plate: Steel, Tin Plate
Pre-assembling the socket to the chassis by eyelets or rivets permits
the installation of the semiconductor at a later stage in the assembly.
The molded top boss eliminates hardware.
.261 [6.7] DIA.
.640 [16.3]
.515 [13.1]
.344 [8.8]
.140 [3.6]
.050 [1.3]
.136 [3.5]
DIA. (4) PLS
FORMED THREAD
FOR #6-20 SCREW
(TYPE B) (2) PLS
.221 [5.6]
.430 [10.9]
1.226 [31.2]
.931
[23.7]
.521 [13.3]
1.188 [30.2]
1.250
[31.8]
1.500 [38.1]
.430 [10.9]
HEAVY DUTY SOCKET FOR TO-3 CASE
Features an all-in-one mounting plate and solder tabs, providing
complete electrical isolation of the solder tab connections.
Rated 5 Amps DC continuous and 15 Amps DC Intermittent
With transistor lead-in in-
sulating shoulders
CAT. NO.
WITH TAB
4513
“A” ONLY
4514
“A” & “B”
CAT. NO.
WITH TAB
4515
“A” ONLY
4516
“A” & “B”
Less transistor lead-in in-
sulating shoulders
CHOICE OF SINGLE OR DUAL COLLECTOR SOLDER TABS
MATERIAL:
Base: Glass Filled Polyester, UL Rated 94V-0
Contacts: Brass, Tin Plate
Collector Plate: Brass, Tin Plate
TAB 'A'
TAB 'B'
(2) INSULATING
SHOULDERS
.060 [1.52]
.210
[5.4]
DIA.
.028
[0.71]
.218 [5.6] DIA.
6-32 THREAD
(2) PLS
.700 [17.8]
MAX.
.125 [3.2] DIA. x .250 [6.4] C'BORE
.045 [1.14] DEEP
.730 [18.6]
REF.
.665 [16.9]
.450 [11.5]
1.187 [30.2]
1.600 [40.7] MAX.
.325 [8.3]
TO-3 CASE MOUNTING KITS
CAT. NO. 4733 Complete Mounting Kit
ITEM
CAT. NO. DESCRIPTION QUANTITY
A
4706
6-20 screws
2
B
4651
Mica Insulator
1
C
4608
Square Socket
1
CAT. NO. 4732 Complete Mounting Kit
ITEM CAT. NO. DESCRIPTION
QUANTITY
A
4706
6-20 screws
2
B
4651
Mica Insulator
1
C
4602
Socket
1
CAT. NO. 4734 Complete Mounting Kit
ITEM
CAT. NO. DESCRIPTION QUANTITY
A
4706
6-20 screws
2
B
4651
Mica Insulator
1
C
4684
Nylon Bushing
4
D
4606
Square Socket
1
These socket kits provide everything
needed to mount a transistor onto
a chassis in one kit. Nylon bushings
or boss will insulate transistor
leads from chassis. Mica insulator
isolates transistor from chassis. Two
6-20 screws included to mount
transistor. (Transistor not included)
M60Section6FREV1A1-COLOR 4/4/13 5:35PM Page111


Similar Part No. - 4609

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4609 ETC-4609 Datasheet
44Kb / 1P
High Q, high self-resonant frequency
logo
Heyco.
4609 HEYCO-4609 Datasheet
340Kb / 1P
Heyco®-Tite EMC Brass Liquid Tight Cordgrips
logo
Bourns Electronic Solut...
4609-RC BOURNS-4609-RC Datasheet
108Kb / 1P
Varnished Chokes
4609-RC BOURNS-4609-RC Datasheet
108Kb / 1P
High Q, high self-resonant frequency
logo
Presto International UK...
46091 PRESTO-46091 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
More results

Similar Description - 4609

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
0804MC BURR-BROWN-0804MC Datasheet
44Kb / 3P
8-Pin TO-3 Socket
logo
List of Unclassifed Man...
561-C01031 ETC2-561-C01031 Datasheet
90Kb / 2P
Power Transistor Covers TO-3
D-MFK2 ETC2-D-MFK2 Datasheet
468Kb / 4P
Mounting Bracket Kits
logo
celduc-relais
1LK00100 CELDUC-1LK00100 Datasheet
239Kb / 1P
MOUNTING KITS
1LK00200 CELDUC-1LK00200 Datasheet
558Kb / 1P
MOUNTING KITS
1LK00300 CELDUC-1LK00300 Datasheet
48Kb / 1P
MOUNTING KITS
logo
Banner Engineering Corp...
SMBPVA6 BANNER-SMBPVA6 Datasheet
235Kb / 2P
Mounting Bracket Kits SMBPVA6 and SMBPVL4
logo
Keystone Electronics Co...
4602 KEYSTONE-4602 Datasheet
222Kb / 1P
TO-3 POWER TRANSISTOR SOCKET
4.26.82
4603 KEYSTONE-4603 Datasheet
299Kb / 1P
TO-3 POWER TRANSISTOR SOCKET
4.26.82
logo
Pepperl+Fuchs Inc.
K-MS PF-K-MS Datasheet
501Kb / 2P
Mounting Socket
2020-09-23
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com