Electronic Components Datasheet Search
  English  ▼

X  

10032 Datasheet(PDF) 1 Page - Mueller Electric.

Part # 10032
Description  Copper-plated Steel Mini Clip Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUELLER [Mueller Electric.]
Direct Link  www.muellerelectric.com
Logo MUELLER - Mueller Electric.

10032 Datasheet(HTML) 1 Page - Mueller Electric.

  10032 Datasheet HTML 1Page - Mueller Electric.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Toll Free: 800.955.2629
2850 Gilchrist Rd. Bld 5A
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44305
Fax: 330.780.2524
010032
(Copper-plated Steel Mini Clip Package)
• Mueller’s 010032 is a packaged kit that contains:
o (1) BU-46A-0 clip, black
o (1) BU-46A-2 clip, red
• For more details about each part number, refer to their respective
datasheets.
• Connects to wire up to 10 AWG via crimp or solder connection.
• Material:
Clip
Copper-plated steel
Insulator
Flexible PVC
• Rating:
Current
50 Amps
• RoHS 3 compliant


Similar Part No. - 10032

ManufacturerPart #DatasheetDescription
logo
Heyco.
10032 HEYCO-10032 Datasheet
111Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Lapp.
10032000 LAPP-10032000 Datasheet
317Kb / 8P
3.2 EPIC® DA-VINCI H-B 1.4 EPIC® H-BE
logo
National Semiconductor ...
100321 NSC-100321 Datasheet
104Kb / 6P
Low Power 9-Bit Inverter
logo
Fairchild Semiconductor
100321 FAIRCHILD-100321 Datasheet
65Kb / 6P
Low Power 9-Bit Inverter
logo
National Semiconductor ...
100321D NSC-100321D Datasheet
104Kb / 6P
Low Power 9-Bit Inverter
More results

Similar Description - 10032

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
14-RB1S00147 E-SWITCH-14-RB1S00147 Datasheet
90Kb / 1P
Silver Plated Copper
logo
List of Unclassifed Man...
BU-30X ETC2-BU-30X Datasheet
188Kb / 1P
The BU-30X Clip is intended for applications where plated carbon steel or solid copper clips are not effective
1351320 ETC2-1351320 Datasheet
101Kb / 3P
26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
1682731 ETC2-1682731 Datasheet
104Kb / 3P
26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
MRG5903 ETC2-MRG5903 Datasheet
28Kb / 2P
Copper cladded steel
83284 ETC2-83284 Datasheet
100Kb / 3P
26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
83264 ETC2-83264 Datasheet
101Kb / 3P
30 awg stranded (7x38) .012 silver-plated copper-covered steel conductor
logo
PANDUIT CORP.
GBO239KB PANDUIT-GBO239KB Datasheet
45Kb / 1P
NICKEL PLATED STEEL
logo
Pasternack Enterprises,...
PE6182 PASTERNACK-PE6182_16 Datasheet
423Kb / 3P
Mini SMP Female Input Gold Plated Beryllium Copper
logo
List of Unclassifed Man...
10005 ETC-10005 Datasheet
197Kb / 1P
Mini Copper Alligator Clip Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com