Electronic Components Datasheet Search
  English  ▼

X  

OPA2107 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA2107
Description  Precision Dual Difet ® Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2107 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2107 Datasheet HTML 2Page - Texas Instruments OPA2107 Datasheet HTML 3Page - Texas Instruments OPA2107 Datasheet HTML 4Page - Texas Instruments OPA2107 Datasheet HTML 5Page - Texas Instruments OPA2107 Datasheet HTML 6Page - Texas Instruments OPA2107 Datasheet HTML 7Page - Texas Instruments OPA2107 Datasheet HTML 8Page - Texas Instruments OPA2107 Datasheet HTML 9Page - Texas Instruments OPA2107 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OPA2107
6
SBOS161A
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
T
A = +25°C, VS = ±15V unless otherwise noted.
CHANNEL SEPARATION vs FREQUENCY
150
140
130
120
110
10
100
1k
10k
100k
Frequency (Hz)
R =
L
∞
R = 2k
L
Ω
TOTAL HARMONIC DISTORTION vs FREQUENCY
1
0.1
0.01
0.001
1
10
100
1k
10k
100k
Frequency (Hz)
A = +101V/V
V
A = +11V/V
V
A = +1V/V
V
6.5Vrms
2k
Ω
RS
THD + NOISE vs FREQUENCY AND OUTPUT VOLTAGE
1
0.1
0.01
0.001
1
10
100
1k
10k
100k
Frequency (Hz)
Noise Limited
A = +11V/V
V
2Vp-p
Noise Limited
Noise Limited
10Vp-p
20Vp-p
2k
Ω
RS
OPEN-LOOP GAIN vs SUPPLY VOLTAGE
120
110
100
90
80
70
5
101520
Supply Voltage (±V )
S
LARGE-SIGNAL RESPONSE
Time (2
µs/div)
SMALL-SIGNAL RESPONSE
Time (200ns/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com