Electronic Components Datasheet Search
  English  ▼

X  

OPA685 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA685
Description  Low-Power, Dual Current-Feedback OPERATIONAL AMPLIFIER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA685 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA685 Datasheet HTML 9Page - Texas Instruments OPA685 Datasheet HTML 10Page - Texas Instruments OPA685 Datasheet HTML 11Page - Texas Instruments OPA685 Datasheet HTML 12Page - Texas Instruments OPA685 Datasheet HTML 13Page - Texas Instruments OPA685 Datasheet HTML 14Page - Texas Instruments OPA685 Datasheet HTML 15Page - Texas Instruments OPA685 Datasheet HTML 16Page - Texas Instruments OPA685 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
OPA2684
13
SBOS239D
www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V (Cont.)
At TA = +25°C, VS = 5V, G = +2, RF = 1.0Ω, and RL = 100Ω, unless otherwise noted.
1/2
OPA2684
1/2
OPA2684
0.01
µF
0.01
µF
RG
RG
RL
1k
Ω
1k
Ω
+5V
+2.5V
+2.5V
VO
VI
GD =
1k
Ω
RG
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
Frequency (MHz)
1
200
10
100
DIFFERENTIAL SMALL-SIGNAL
FREQUENCY RESPONSE
V
O = 200mVp-p
R
L = 100Ω
G = 2
G = 20
G = 10
G = 5
G = 1
9
6
3
0
–3
–6
–9
–12
–15
–18
Frequency (MHz)
1
200
10
100
DIFFERENTIAL LARGE-SIGNAL
FREQUENCY RESPONSE
G
D = 2
R
L = 100Ω
V
O = 5Vp-p
V
O = 2Vp-p
V
O = 1Vp-p
V
O = 200mVp-p
–55
–60
–65
–70
–75
–80
–85
Load Resistance (
Ω)
10
1k
100
DIFFERENTIAL DISTORTION
vs LOAD RESISTANCE
V
O = 4Vp-p
G
D = 2
f = 5MHz
3rd-Harmonic
2nd-Harmonic
–55
–60
–65
–70
–75
–80
–85
DIFFERENTIAL DISTORTION vs FREQUENCY
Frequency (MHz)
110
3rd-Harmonic
2nd-Harmonic
V
O = 2Vp-p
R
L = 100Ω
–55
–60
–65
–70
–75
–80
–85
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
Output Voltage (Vp-p)
110
3rd-Harmonic
2nd-Harmonic
DIFFERENTIAL PERFORMANCE
TEST CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com