Electronic Components Datasheet Search
  English  ▼

X  

OPA381 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA381
Description  Precision, Low Power, 18MHz Transimpedance Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA381 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA381 Datasheet HTML 8Page - Texas Instruments OPA381 Datasheet HTML 9Page - Texas Instruments OPA381 Datasheet HTML 10Page - Texas Instruments OPA381 Datasheet HTML 11Page - Texas Instruments OPA381 Datasheet HTML 12Page - Texas Instruments OPA381 Datasheet HTML 13Page - Texas Instruments OPA381 Datasheet HTML 14Page - Texas Instruments OPA381 Datasheet HTML 15Page - Texas Instruments OPA381 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
OPA381
OPA2381
SBOS313B − AUGUST 2004 − REVISED NOVEMBER 2004
www.ti.com
12
120
100
80
60
40
20
0
−20
Frequency (Hz)
100
10k
1k
1M
10M
100k
100M
−3dB at 200kHz
SeeFigure6a
C
DIODE = 10pF
SeeFigure6c
SeeFigure6b
Figure 7. Transimpedance Gains for Circuits in
Figure 6
The effects of these circuit configurations on output
noise are shown in Figure 8 and on integrated output
noise in Figure 9. A 2-pole Butterworth filter (maximally
flat in passband) is created by selecting the filter values
using the equation:
C
FRF
+ 2C
FILTERRFILTER
The circuit in Figure 6b rolls off at 20dB/decade. The
circuit with the additional filter shown in Figure 6c rolls
off at 40dB/decade, resulting in improved noise
performance.
400
300
200
100
0
Frequency (Hz)
100
1k
10k
1M
10M
100k
100M
SeeFigure6a
SeeFigure6b
See Figure 6c
C
DIODE = 10pF
Figure 8. Output Noise for Circuits in Figure 6
500
400
300
200
100
0
Frequency (Hz)
100
10k
1k
1M
10M
100k
100M
C
DIODE = 10pF
SeeFigure6a
SeeFigure6b
See Figure 6c
310
µVrms
68
µVrms
25
µVrms
Figure 9. Integrated Output Noise for Circuits in
Figure 6
Figure 10 shows the effects of diode capacitance on
integrated output noise, using the circuit in Figure 6c.
For additional information, refer to Noise Analysis of
FET Transimpedance Amplifiers (SBOA060), and
Noise Analysis for High Speed Op Amps (SBOA066),
available for download from the TI web site.
60
50
40
30
20
10
0
Frequency (Hz)
1
100
10
10k
1k
1M
10M
100k
100M
See Figure 6c
C
DIODE
= 100pF
C
DIODE
=50pF
C
DIODE
= 20pF
C
DIODE
=1pF
C
DIODE
= 10pF
37
µVrms
28
µVrms
25
µVrms
23
µVrms
56
µVrms
Figure 10. Integrated Output Noise for Various
Values of CDIODE for Circuit in Figure 6c
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com