Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA692
Description  Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA692 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA692 Datasheet HTML 8Page - Texas Instruments OPA692 Datasheet HTML 9Page - Texas Instruments OPA692 Datasheet HTML 10Page - Texas Instruments OPA692 Datasheet HTML 11Page - Texas Instruments OPA692 Datasheet HTML 12Page - Texas Instruments OPA692 Datasheet HTML 13Page - Texas Instruments OPA692 Datasheet HTML 14Page - Texas Instruments OPA692 Datasheet HTML 15Page - Texas Instruments OPA692 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Frequency(Hz)
0.7 1
10
700
100
6
3
0
-3
-6
-9
G=+1
R =25W
F
G=+2
G=+5
G=+10
V =0.5V
O
PP
Frequency(MHz)
0.5
1
10
500
100
9
6
3
0
-3
-6
V =2V
O
PP
V =3V
O
PP
V =1V
O
PP
Time(5ns/div)
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
G=+2
V =0.5V
O
PP
Time(5ns/div)
4.1
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
G=+2
V =2V
O
PP
CapacitiveLoad(pF)
1
10
100
1000
50
45
40
35
30
25
20
15
10
5
0
Frequency(20MHz/div)
0
100
120
140
160
180
20
40
60
80
200
9
6
3
0
-3
-6
-9
C =22pF
L
C =47pF
L
C =100pF
L
C =10pF
L
402W
58W
714W
0.1 F
m
714W
714W
402W
R
S
C
L
V
IN
+5V
V
OUT
+5V
1/2
OPA2690
OPA2690
SBOS238G – JUNE 2002 – REVISED MARCH 2010
www.ti.com
TYPICAL CHARACTERISTICS: +5V
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω (see Figure 37 for ac performance only), unless otherwise noted.
SMALL
−SIGNAL
LARGE
−SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 26.
Figure 27.
SMALL-SIGNAL
LARGE-SIGNAL
PULSE RESPONSE
PULSE RESPONSE
Figure 28.
Figure 29.
RECOMMENDED RS
FREQUENCY RESPONSE
vs CAPACITIVE LOAD
vs CAPACITIVE LOAD
Figure 30.
Figure 31.
12
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA2690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com