Electronic Components Datasheet Search
  English  ▼

X  

OPA4820IPWR Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA4820IPWR
Description  Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4820IPWR Datasheet(HTML) 4 Page - Texas Instruments

  OPA4820IPWR Datasheet HTML 1Page - Texas Instruments OPA4820IPWR Datasheet HTML 2Page - Texas Instruments OPA4820IPWR Datasheet HTML 3Page - Texas Instruments OPA4820IPWR Datasheet HTML 4Page - Texas Instruments OPA4820IPWR Datasheet HTML 5Page - Texas Instruments OPA4820IPWR Datasheet HTML 6Page - Texas Instruments OPA4820IPWR Datasheet HTML 7Page - Texas Instruments OPA4820IPWR Datasheet HTML 8Page - Texas Instruments OPA4820IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
OPA4820
SBOS317D − SEPTEMBER 2004 − REVISED AUGUST 2008
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = +5V
Boldface limits are tested at +25
°C.
At RF = 402Ω, RL = 100Ω to 2.5V, and G = +2, unless otherwise noted.
OPA4820ID, IPW
TYP
MIN/MAX OVER TEMPERATURE
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
0
°C to
70
°C(2)
−40
°C to
+85
°C(2)
UNITS
MIN/
MAX
TEST
LEVEL
(3)
AC PERFORMANCE
Small-Signal Bandwidth
G = +1, VO = 0.1VPP, RF = 25Ω
520
MHz
typ
C
G = +2, VO = 0.1VPP
210
148
135
130
MHz
min
B
G = +10, VO = 0.1VPP
25
18
17
16
MHz
min
B
Gain-Bandwidth Product
G
≥ 20
230
180
170
160
MHz
min
B
Peaking at a Gain of 1
VO = 0.1VPP, RF = 25Ω
2
dB
typ
C
Large-Signal Bandwidth
G = +2, VO = 2VPP
67
MHz
typ
C
Slew Rate
G = +2, VO = 2V Step
190
135
130
125
V/
µs
min
B
Rise Time and Fall Time
G = +2, VO = 2V Step
1.8
ns
typ
C
Settling Time to 0.02%
G = +2, VO = 2V Step
25
ns
typ
C
Settling Time to 0.1%
G = +2, VO = 2V Step
22
ns
typ
C
Harmonic Distortion
G = +2, f = 1MHz, VO = 2VPP
2nd-Harmonic
RL = 200Ω
−79
−75
−74
−73
dBc
max
B
RL ≥ 500Ω
−83
−79
−77
−75
dBc
max
B
3rd-Harmonic
RL = 200Ω
−94
−87
−86
−85
dBc
max
B
RL ≥ 500Ω
−98
−95
−93
−92
dBc
max
B
Input Voltage Noise
f > 100kHz
2.5
2.8
2.9
3.0
nV/
√Hz
max
B
Noninverting Input Current Noise
f > 100kHz
1.6
2.5
2.7
2.9
pA/
√Hz
max
B
All Hostile Crosstalk, Input-Referred
3 Channels Driven at 5MHz, 1VPP
4th Channel Measured
−61
dB
typ
C
DC PERFORMANCE(4)
Open-Loop Voltage Gain (AOL)
VO = 2.5V, RL = 100Ω
65
60
59
58
dB
min
A
Input Offset Voltage
VCM = 2.5V
±0.35
±1.3
±1.7
±2.0
mV
max
A
Average Input Offset Voltage Drift
VCM = 2.5V
8
10
µV/°C
max
B
Input Bias Current
VCM = 2.5V
−8
−18
−20
−24
µA
max
A
Average Input Bias Current Drift
VCM = 2.5V
30
50
nA/
°C
max
B
Input Offset Current
VCM = 2.5V
±100
±500
±800
±900
µA
max
A
Inverting Input Bias Current Drift
VCM = 2.5V
5
5
nA/
°C
max
B
INPUT
Least Positive Input Voltage
0.9
1.1
1.2
1.3
V
min
A
Most Positive Input Voltage
4.4
4.1
4.0
3.9
V
max
A
Common-Mode Rejection Ratio (CMRR)(5)
VCM = 2.5V, Input-Referred
83
74
73
72
dB
min
A
Input Impedance, Differential-Mode
VCM = 2.5V
15
 1
k
Ω pF
typ
C
Input Impedance, Common-Mode
VCM = 2.5V
5
 1.3
M
Ω pF
typ
C
OUTPUT
Least Positive Output Voltage
RL ≥ 500Ω to 2.5V
3.9
3.8
3.75
3.7
V
min
A
RL = 100Ω to 2.5V
3.8
3.7
3.65
3.6
V
min
A
Most Negative Output Voltage
RL ≥ 500Ω to 2.5V
1.2
1.3
1.35
1.4
V
min
A
RL = 100Ω to 2.5V
1.2
1.3
1.35
1.4
V
min
A
Output Current
VO = 2.5V
±75
±60
±55
±50
mA
min
A
Short-Circuit Output Current
Output Shorted to Ground
±105
mA
typ
C
Closed-Loop Output Impedance
G = +2, f
≤ 100kHz
0.04
Ω
typ
C
POWER SUPPLY
Specified Operating Voltage
+5
V
typ
C
Maximum Operating Voltage
+12.6
+12.6
+12.6
V
max
A
Minimum Operating Voltage
+4
V
typ
C
Maximum Quiescent Current
VS = +5V, 4 Channels
20.4
22.2
22.6
23.0
mA
max
A
Minimum Quiescent Current
VS = +5V, 4 Channels
20.4
18.0
17.4
16.8
mA
min
A
Power-Supply Rejection Ratio (+PSRR)
Input-Referred
68
dB
typ
C
THERMAL CHARACTERISTICS
Specification: ID, IPW
−40 to +85
°C
typ
C
Thermal Resistance,
qJA
D
SO-14
Junction-to-Ambient
100
°C/W
typ
C
PW
TSSOP-14
Junction-to-Ambient
110
°C/W
typ
C
(1)
Junction temperature = ambient for +25
°C specifications.
(2)
Junction temperature = ambient at low temperature limits; junction temperature = ambient +13
°C at high temperature limit for over temperature.
(3)
Test levels: (A) 100% tested at +25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation. (C) Typical value only
for information.
(4)
Current considered positive out of pin.
(5)
Tested < 3dB below minimum specified CMRR at
± CMIR limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com