Electronic Components Datasheet Search
  English  ▼

X  

OPA684 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA684
Description  Quad, Low-Power, Current-Feedback Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA684 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA684 Datasheet HTML 9Page - Texas Instruments OPA684 Datasheet HTML 10Page - Texas Instruments OPA684 Datasheet HTML 11Page - Texas Instruments OPA684 Datasheet HTML 12Page - Texas Instruments OPA684 Datasheet HTML 13Page - Texas Instruments OPA684 Datasheet HTML 14Page - Texas Instruments OPA684 Datasheet HTML 15Page - Texas Instruments OPA684 Datasheet HTML 16Page - Texas Instruments OPA684 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
OPA4684
13
SBOS240G
www.ti.com
directly into the blocking capacitor. The source will then see
the 5k
Ω load of the biasing network as a load. The gain
resistor (RG) is AC-coupled, giving the circuit a DC gain of +1,
which puts the noninverting input DC bias voltage (2.5V) on
the output as well. The feedback resistor value has been
adjusted from the bipolar
±5V supply condition to re-optimize
for a flat frequency response in +5V only, gain of +2,
operation. On a single +5V supply, the output voltage can
swing to within 1.0V of either supply pin while delivering more
than 70mA output current—easily giving a 3VPP output swing
into 100
Ω (8dBm maximum at the matched 50Ω load). The
circuit of Figure 3 shows a blocking capacitor driving into a
50
Ω output resistor, then into a 50Ω load. Alternatively, the
blocking capacitor could be removed if the load is tied to a
supply midpoint or to ground if the DC current required by the
load is acceptable.
Figure 4 shows the AC-coupled, single +5V supply, gain of
–1V/V circuit configuration used as a basis for the inverting
+5V only Typical Characteristics for each channel. In this
case, the midpoint DC bias on the noninverting input is also
decoupled with an additional 0.1
µF capacitor. This reduces
the source impedance at higher frequencies for the
noninverting input bias current noise. This 2.5V bias on the
noninverting input pin appears on the inverting input pin and,
since RG is DC-blocked by the input capacitor, will also
appear at the output pin. One advantage to inverting opera-
tion is that since there is no signal swing across the input
stage, higher slew rates and operation to even lower supply
voltages is possible. To retain a 1VPP output capability,
operation down to a 3V supply is allowed. At a +3V supply,
the input stage is saturated, but for the inverting configuration
of a current-feedback amplifier, wideband operation is re-
tained even under this condition.
FIGURE 3. AC-Coupled, G = +2V/V, Single-Supply Specifi-
cations and Test Circuit.
R
F
1k
Ω
1/4
OPA4684
+5V
50
Ω
50
Ω Load
50
Ω Source
0.1
µF
6.8
µF
+
10k
Ω
10k
Ω
R
M
50
Ω
R
G
1k
Ω
0.1
µF
0.1
µF
0.1
µF
V
I
R
F
1.3k
Ω
1/4
OPA4684
+5V
DIS
50
Ω
50
Ω Load
50
Ω Source
0.1
µF
0.1
µF
6.8
µF
+
R
G
1.3k
Ω
10k
Ω
10k
Ω
0.1
µF
V
I
0.1
µF
R
M
52.3
Ω
FIGURE 4. AC-Coupled, G = –1V/V, Single-Supply Specifi-
cations and Test Circuit.
The circuits of Figure 3 and 4 show single-supply operation
at +5V. These same circuits may be used up to single
supplies of +12V with minimal change in the performance of
the OPA4684.
FIGURE 5. Noninverting Differential I/O Amplifier.
R
F
800
Ω
R
F
800
Ω
1/4
OPA4684
+V
CC
–V
CC
R
G
V
O
1/4
OPA4684
V
I
DIFFERENTIAL INTERFACE APPLICATIONS
Dual and quad op amps are particularly suitable to differential
input to differential output applications. Typically, these fall into
either analog-to-digital converter (ADC) input interface or line
driver applications. Two basic approaches to differential I/O
are noninverting or inverting configurations. Since the output is
differential, the signal polarity is somewhat meaningless—the
noninverting and inverting terminology applies here to where
the input is brought into the OPA4684. Each has its advan-
tages and disadvantages. Figure 5 shows a basic starting
point for noninverting differential I/O applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com