Electronic Components Datasheet Search
  English  ▼

X  

OPA684IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA684IDBVT
Description  Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA684IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA684IDBVT Datasheet HTML 1Page - Texas Instruments OPA684IDBVT Datasheet HTML 2Page - Texas Instruments OPA684IDBVT Datasheet HTML 3Page - Texas Instruments OPA684IDBVT Datasheet HTML 4Page - Texas Instruments OPA684IDBVT Datasheet HTML 5Page - Texas Instruments OPA684IDBVT Datasheet HTML 6Page - Texas Instruments OPA684IDBVT Datasheet HTML 7Page - Texas Instruments OPA684IDBVT Datasheet HTML 8Page - Texas Instruments OPA684IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
OPA684
Copyright © 2001-2009, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SBOS219D – OCTOBER 2001 – REVISED JUNE 2009
Low-Power, Current Feedback
OPERATIONAL AMPLIFIER With Disable
FEATURES
q MINIMAL BANDWIDTH CHANGE VERSUS GAIN
q > 120MHz BANDWIDTH TO GAIN > +10
q LOW DISTORTION: < –78dBc at 5MHz
q HIGH OUTPUT CURRENT: 120mA
q SINGLE +5V TO +12V SUPPLY OPERATION
q DUAL
±2.5 TO ±6.0V SUPPLY OPERATION
q LOW SUPPLY CURRENT: 1.7mA
q LOW SHUTDOWN CURRENT: 100
µA
V+
V
O
V–
I
ERR
R
G
R
F
Z
(S) IERR
+
Low-Power
Amplifier
DESCRIPTION
The OPA684 provides a new level of performance in low-power,
wideband, current-feedback (CFB) amplifiers. This CFBplus ampli-
fier is the first to use an internally closed-loop input buffer stage that
enhances performance significantly over earlier low-power CFB
amplifiers. While retaining the benefits of very low power operation,
this new architecture provides many of the benefits of a more ideal
CFB amplifier. The closed-loop input stage buffer gives a very low
and linearized impedance path at the inverting input to sense the
feedback error current. This improved inverting input impedance
retains exceptional bandwidth to much higher gains and improves
harmonic distortion over earlier solutions limited by inverting input
linearity. Beyond simple high-gain applications, the OPA684 CFBplus
amplifier permits the gain setting element to be set with consider-
able freedom from amplifier bandwidth interaction. This allows
frequency response peaking elements to be added, multiple input
inverting summing circuits to have greater bandwidth, and low-
OPA6
84
OPA6
84
APPLICATIONS
q LOW-POWER BROADCAST VIDEO DRIVERS
q EQUALIZING FILTERS
q SAW FILTER HIGH GAIN POST AMPLIFIERS
q MULTICHANNEL SUMMING AMPLIFIERS
q PROFESSIONAL CAMERAS
q ADC INPUT DRIVERS
power line drivers to meet the demanding requirements of studio
cameras and broadcast video.
The output capability of the OPA684 also sets a new mark in
performance for low-power current feedback amplifiers. Delivering
a full
±4V
PP swing on ±5V supplies, the OPA684 also has the
output current to support this swing into a 100
Ω load. This minimal
output headroom requirement is complemented by a similar 1.2V
input stage headroom giving exceptional capability for single +5V
operation.
The OPA684’s low 1.7mA supply current is precisely trimmed at
25
°C. This trim, along with low shift over temperature and supply
voltage, gives a very robust design over a wide range of operating
conditions. System power may be further reduced by using the
optional disable control pin. Leaving this disable pin open, or holding
it HIGH, gives normal operation. If pulled LOW, the OPA684 supply
current drops to less than 100
µA while the I/O pins go to a high
impedance state.
3
0
–3
–6
–9
–12
–15
–18
–21
R
F = 1kΩ
G = 100
G = 50
G = 20
G = 10
G = 5
G = 2
10
100
200
BW (MHz) vs GAIN
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Patent Pending
All trademarks are the property of their respective owners.
www.ti.com


Similar Part No. - OPA684IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA684IDBVT TI-OPA684IDBVT Datasheet
403Kb / 25P
Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA684IDBVT TI1-OPA684IDBVT Datasheet
1Mb / 31P
Low-Power, Current Feedback OPERATIONAL AMPLIFIER
OPA684IDBVTG4 TI1-OPA684IDBVTG4 Datasheet
1Mb / 31P
Low-Power, Current Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA684IDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Intersil Corporation
HFA1245 INTERSIL-HFA1245 Datasheet
248Kb / 14P
Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
February 1999
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI-OPA691 Datasheet
410Kb / 23P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3684 BURR-BROWN-OPA3684 Datasheet
469Kb / 26P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1, 2006
logo
Texas Instruments
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA3684 TI1-OPA3684_17 Datasheet
1Mb / 34P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HFA1245 RENESAS-HFA1245 Datasheet
549Kb / 14P
Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com