Electronic Components Datasheet Search
  English  ▼

X  

SBOU003 Datasheet(PDF) 6 Page - Texas Instruments

Part # SBOU003
Description  Dual, Wideband, Low-Noise Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SBOU003 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SBOU003 Datasheet HTML 2Page - Texas Instruments SBOU003 Datasheet HTML 3Page - Texas Instruments SBOU003 Datasheet HTML 4Page - Texas Instruments SBOU003 Datasheet HTML 5Page - Texas Instruments SBOU003 Datasheet HTML 6Page - Texas Instruments SBOU003 Datasheet HTML 7Page - Texas Instruments SBOU003 Datasheet HTML 8Page - Texas Instruments SBOU003 Datasheet HTML 9Page - Texas Instruments SBOU003 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
OPA2822
6
SBOS188E
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±6V (Cont.)
TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
–85
–90
–95
–100
–105
HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
100
1k
V
O = 2VPP
f = 1MHz
2nd-Harmonic
3rd-Harmonic
See Figure 1
1MHz HARMONIC DISTORTION vs SUPPLY VOLTAGE
Supply Voltage (V)
±2.5
±3.0
±3.5
±4.0
±4.5
±5.0
±5.5
±6.0
–85
–90
–95
–100
–105
2nd-Harmonic
3rd-Harmonic
See Figure 1
V
O = 2VPP
R
L = 200Ω
–65
–75
–85
–95
–105
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
110
V
O = 2VPP
R
L = 200Ω
2nd-Harmonic
3rd-Harmonic
See Figure 1
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (V
PP)
0.1
1
10
–85
–90
–95
–100
–105
R
L = 200Ω
f = 1MHz
2nd-Harmonic
3rd-Harmonic
See Figure 1
–70
–80
–90
–100
–110
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain (V/V)
110
V
O = 2VPP
R
L = 200Ω
f = 1MHz
2nd-Harmonic
3rd-Harmonic
See Figure 1
–70
–80
–90
–100
–110
HARMONIC DISTORTION vs INVERTING GAIN
Gain (V/V)
110
3rd-Harmonic
See Figure 2
V
O = 2VPP
R
L = 200Ω
R
F = 604Ω
f = 1MHz
2nd-Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com